Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS314RSK Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LVDS314RSK
Description  PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS314RSK Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS314RSK Datasheet HTML 6Page - Texas Instruments SN65LVDS314RSK Datasheet HTML 7Page - Texas Instruments SN65LVDS314RSK Datasheet HTML 8Page - Texas Instruments SN65LVDS314RSK Datasheet HTML 9Page - Texas Instruments SN65LVDS314RSK Datasheet HTML 10Page - Texas Instruments SN65LVDS314RSK Datasheet HTML 11Page - Texas Instruments SN65LVDS314RSK Datasheet HTML 12Page - Texas Instruments SN65LVDS314RSK Datasheet HTML 13Page - Texas Instruments SN65LVDS314RSK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
R[0:7],G[0:7],
B[0:7],HS,VS,DE
PCLK
(CPOL=0)
CPE
Whenaparityerroris
detected,thereceiveroutputs
thepreviouspixelonthebus
Hencenodatatransitions
occur.
A Parityerrorisindicatedbya
highpulseonCPE;thewidthof
thepulseis1/2thelengthofa
PCLKcycle
Alsoifthereisaparityerrordetectedthenthe
dataonthatPCLKcycleisnotoutput.Instead,
thelastvaliddatafromapreviousPCLKcycle
isrepeatedontheoutputbus. Thisistoprevent
anybiterrorthatmayoccurontheLVDSlink
fromcausingperturbationsinVS,HS,orDEthat
maybevisuallydisruptivetoadisplay.
Thereservedbitsarenotcoveredintheparity
calculations.
SN65LVDS314
SLLSE98A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
For proper device operation, the pixel clock frequency must fall within the valid fPCLK range specified under
recommended operating conditions. If the pixel clock frequency is larger than 3 MHz but smaller than fPCLK(min),
the SN65LVDS314 PLL is enabled. Under such conditions, it is possible for the PLL to lock temporarily to the
pixel clock, causing the PLL monitor to release the device into active receive mode. If this happens, the PLL may
or may not be properly locked to the pixel clock input, potentially causing data errors, frequency oscillation, and
PLL deadlock (loss of VCO oscillation).
RECEIVE MODE
After the PLL achieves lock the device enters the normal receive mode. The output data bus presents the de-
serialized data. The PCLK output pin outputs the recovered pixel clock.
PARITY ERROR DETECTION AND HANDLING
The SN65LVDS314 receiver performs error checking on the basis of a parity bit that is transmitted across the
subLVDS interface from the transmitting device. Once the SN65LVDS314 detects the presence of the clock and
the PLL has locked onto PCLK, then the parity is checked. Parity-error detection ensures detection of all single
bit errors in one pixel and 50% of all multi-bit errors.
The parity bit covers the 27 bit data payload consisting of 24 bits of pixel data plus VS, HS, and DE. Odd Parity
bit signalling is used. The parity error is output on the CPE pin. If the sum of the 27 data bits and the parity bit
result in an odd number, the receive data are assumed to be valid. The CPE output will be held low. If the sum
equals an even number, parity error is declared. The CPE output will indicate high for half a PCLK period. The
CPE output will be set with the data bit transition and cleared after 1/2 the data bit time. This allows counting
every detected parity error with a simple counter connected to CPE.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :SN65LVDS314


Similar Part No. - SN65LVDS314RSK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
277Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS314RSK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS304 TI-SN65LVDS304 Datasheet
1Mb / 38P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS302 TI-SN65LVDS302_07 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS310 TI1-SN65LVDS310 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS308 TI-SN65LVDS308 Datasheet
1Mb / 37P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS306 TI-SN65LVDS306 Datasheet
1Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS302 TI-SN65LVDS302 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS302 TI-SN65LVDS302_V01 Datasheet
2Mb / 49P
[Old version datasheet]   SN65LVDS302 Programmable 27-Bit Serial-to-Parallel Receiver
SN65LVDS307 TI-SN65LVDS307 Datasheet
663Kb / 29P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_V01 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS305 TI-SN65LVDS305 Datasheet
712Kb / 25P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com