Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDT14 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT14
Description  Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT14 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDT14 Datasheet HTML 7Page - Texas Instruments SN65LVDT14 Datasheet HTML 8Page - Texas Instruments SN65LVDT14 Datasheet HTML 9Page - Texas Instruments SN65LVDT14 Datasheet HTML 10Page - Texas Instruments SN65LVDT14 Datasheet HTML 11Page - Texas Instruments SN65LVDT14 Datasheet HTML 12Page - Texas Instruments SN65LVDT14 Datasheet HTML 13Page - Texas Instruments SN65LVDT14 Datasheet HTML 14Page - Texas Instruments SN65LVDT14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
IOH − High-Level Output Current − mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
4
3.5
3
2.5
2
1.5
1
0.5
0
−70
−60
−50
−40
−30
−20
−10
0
TA = 25°C,
VCC = 3.3 V
IOL − Low-Level Output Current − mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
10
20
30
40
50
60
70
80
TA = 25°C,
VCC = 3.3 V
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
−50
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
LOW-TO-HIGH PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
−50
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
LOW-TO-HIGH PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
SN65LVDT14-EP, SN65LVDT41-EP
SCES633 – JUNE 2005
Receiver
Figure 8.
Figure 9.
Figure 10.
Figure 11.
11


Similar Part No. - SN65LVDT14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT14 TI-SN65LVDT14 Datasheet
129Kb / 14P
[Old version datasheet]   MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14 TI-SN65LVDT14 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14PW TI-SN65LVDT14PW Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14PWG4 TI-SN65LVDT14PWG4 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14PWR TI-SN65LVDT14PWR Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
More results

Similar Description - SN65LVDT14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT14 TI-SN65LVDT14_07 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14 TI-SN65LVDT14 Datasheet
129Kb / 14P
[Old version datasheet]   MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
   Memory Stick Duo / Memory Stick (2-in-1)
logo
Mitsumi Electronics, Co...
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
   Memory Stick??Connectors
logo
Hirose Electric
CB1G-10S-1.5H-PEJC2 HIROSE-CB1G-10S-1.5H-PEJC2 Datasheet
815Kb / 10P
   Memory Stick Connectors
logo
Mitsumi Electronics, Co...
CIM-G24 MITSUMI-CIM-G24 Datasheet
86Kb / 2P
   Memory Stick??Duo Connectors
logo
ALPS ELECTRIC CO.,LTD.
SCNA ALPS-SCNA Datasheet
254Kb / 3P
   Connector for Memory Stick Micro?
logo
Adam Technologies, Inc.
MS-10-A-SG ADAM-TECH-MS-10-A-SG Datasheet
124Kb / 1P
   MEMORY STICK & SMART MEDIA SOCKETS
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
   USB memory stick - USB FLASH DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com