Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM65MLVD128DGGR Datasheet(PDF) 6 Page - Texas Instruments

Part # SM65MLVD128DGGR
Description  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM65MLVD128DGGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SM65MLVD128DGGR Datasheet HTML 2Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 3Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 4Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 5Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 6Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 7Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 8Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 9Page - Texas Instruments SM65MLVD128DGGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VAB
A
B
IA
VY
VOS
VA + VB
2
VI
D
VCC
IB
II
VB
VAB
49.9
3.32 k
3.32 k
_
+
-1 V
≤ Vtest ≤ 3.4 V
A
B
D
VOS
R1
24.9
A
C3
2.5 pF
VOS(PP)
∆VOS(SS)
VOS(SS)
≈ 1.3 V
B
A
≈ 0.7 V
B
D
R2
24.9
C1
1 pF
C2
1 pF
VTest
+
-
A
B
IOS
0 V or VCC
-1 V or 3.4 V
SN65MLVD128
SN65MLVD129
SLLS586 – MARCH 2004
Figure 1. Driver Voltage and Current Definitions
NOTE: All resistors are 1% tolerance.
Figure 2. Differential Output Voltage Test Circuit
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, frequency = 1 MHz,
duty cycle = 50 ± 5%.
B.
C1, C2 and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are ±20%.
C.
R1 and R2 are metal film, surface mount, ±1%, and located within 2 cm of the D.U.T.
D.
The measurement of VOS(PP) is made on test equipment with a -3 dB bandwidth of at least 1 GHz.
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Figure 4. Driver Short-Circuit Test Circuit
6
Submit Documentation Feedback


Similar Part No. - SM65MLVD128DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM65MLVD128DGGR TI-SM65MLVD128DGGR Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results

Similar Description - SM65MLVD128DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com