Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD204 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD204
Description  MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD204 Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD204 Datasheet HTML 1Page - Texas Instruments SN65MLVD204 Datasheet HTML 2Page - Texas Instruments SN65MLVD204 Datasheet HTML 3Page - Texas Instruments SN65MLVD204 Datasheet HTML 4Page - Texas Instruments SN65MLVD204 Datasheet HTML 5Page - Texas Instruments SN65MLVD204 Datasheet HTML 6Page - Texas Instruments SN65MLVD204 Datasheet HTML 7Page - Texas Instruments SN65MLVD204 Datasheet HTML 8Page - Texas Instruments SN65MLVD204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SN65MLVD200, SN65MLVD202
SN65MLVD204, SN65MLVD205
MULTIPOINT–LVDS LINE DRIVERS AND RECEIVERS
SLLS463E – SEPTEMBER 2001 – REVISED JUNE 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
device electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN†
TYP‡
MAX
UNIT
Receiver disabled and driver enabled
RE and DE at VCC,
RL = 50 Ω, All others open
13
22
Driver and receiver disabled
RE at VCC, DE at 0 V,
RL = No load, All others open
1
7
ICC
Supply current
Receiver enabled and driver enabled
RE at 0 V, DE at VCC,
RL = 50 Ω, All others open,
No receiver load
16
26
mA
Receiver enabled and driver disabled
RE at 0 V, DE at 0 V,
All others open, No receiver load
4
11
† The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet.
‡ All typical values are at 25
°C and with a 3.3-V supply voltage.
driver electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN†
TYP‡
MAX
UNIT
VABor
VYZ
Differential output voltage magnitude
See Figure 2
480
650
mV
∆VABor
∆VYZ
Change in differential output voltage magnitude
between logic states
See Figure 2
–50
50
mV
VOS(SS)
Steady-state common-mode output voltage
0.8
1.2
V
∆VOS(SS)
Change in steady-state common-mode output
voltage between logic states
See Figure 3
–50
50
mV
VOS(PP)
Peak-to-peak common-mode output voltage
150
mV
VA(OC) or
VY(OC)
Maximum steady-state open-circuit output voltage
See Figure 7
0
2.4
V
VB(OC) or
VZ(OC)
Maximum steady-state open-circuit output voltage
See Figure 7
0
2.4
V
VP(H)
Voltage overshoot, low-to-high level output
See Figure 5
1.2VSS
V
VP(L)
Voltage overshoot, high-to-low level output
See Figure 5
–0.2VSS
V
IIH
High-level input current
VIH = 2 V
0
10
µA
IIL
Low-level input current
VIL = 0.8 V
0
10
µA
IOS
Differential short-circuit output current
See Figure 4
24
mA
IOZ
High-impedance state output current (driver only)
–1.4 V
≤ (VY or VZ) ≤ 3.8 V,
Other output at 1.2 V
– 15
10
µA
IO(OFF)
Power-off output current (driver only)
–1.4 V
≤ (VY or VZ) ≤ 3.8 V,
VCC ≤ 1.5 V,
Other output at 1.2 V
– 10
10
µA
† The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet.
‡ All typical values are at 25
°C and with a 3.3-V supply voltage.


Similar Part No. - SN65MLVD204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD204 TI-SN65MLVD204 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD204A TI-SN65MLVD204A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204A TI-SN65MLVD204A Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204AD TI-SN65MLVD204AD Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204AD TI-SN65MLVD204AD Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
logo
Unisonic Technologies
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
   LINE DRIVERS/RECEIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com