Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD128DGGR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD128DGGR
Description  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD128DGGR Datasheet(HTML) 1 Page - Texas Instruments

  SN65MLVD128DGGR Datasheet HTML 1Page - Texas Instruments SN65MLVD128DGGR Datasheet HTML 2Page - Texas Instruments SN65MLVD128DGGR Datasheet HTML 3Page - Texas Instruments SN65MLVD128DGGR Datasheet HTML 4Page - Texas Instruments SN65MLVD128DGGR Datasheet HTML 5Page - Texas Instruments SN65MLVD128DGGR Datasheet HTML 6Page - Texas Instruments SN65MLVD128DGGR Datasheet HTML 7Page - Texas Instruments SN65MLVD128DGGR Datasheet HTML 8Page - Texas Instruments SN65MLVD128DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
APPLICATIONS
LOGIC DIAGRAM
EN1
EN2
EN3
EN4
EN5
EN6
EN7
EN8
1D
1A
1B
2A
2B
3A
3B
4A
4B
5A
5B
6A
6B
7A
7B
8A
8B
EN1
EN2
EN3
EN4
EN5
EN6
EN7
EN8
2 D
1A
1B
2A
2B
3A
3B
4A
4B
5A
5B
6A
6B
7A
7B
8A
8B
1 D
SN65MLVD128
SN65MLVD129
SN65MLVD128
SN65MLVD129
SLLS586 – MARCH 2004
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
Bus Pins High Impedance When Disabled or
V
CC ≤ 1.5 V
LVTTL Receiver and Eight Line Drivers
Configured as an 8-Port M-LVDS Repeater –
Independent Enables for each Driver
SN65MLVD128
Output-to-Ouput Skew t
sk(o) ≤ 160 ps
2 LVTTL Receivers and Eight Line Drivers
Part-to-Part Skew t
sk(pp) ≤ 800 ps
Configured as Dual 4-Port M-LVDS Repeaters
Single 3.3-V Voltage Supply
– SN65MLVD129
Bus Pin ESD Protection Exceeds 9 kV
Drivers Meet or Exceed the M-LVDS Standard
Packaged in 48-Pin TSSOP (DGG)
(TIA/EIA-899)
Low-Voltage Differential 30-
Ω to 55-Ω Line
Drivers for Data Rates (1) Up to 250 Mbps or
AdvancedTCA™ (ATCA™) Clock Bus Driver
Clock Frequencies Up to 125 MHz
Clock Distribution
Power Up/Down Glitch Free
Data and Clock Repeating Over Backplanes
Controlled Driver Output Voltage Transition
and Cables
Times for Improved Signal Quality
Cellular Base Stations
(1)
The data rate of a line, is the number of voltage transitions
Central Office Switches
that are made per second expressed in the units bps (bits per
Network Switches and Routers
second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
AdvancedTCA, ATCA are trademarks of PCI Industrial Computer Manufacturers Group.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65MLVD128DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128DGG TI-SN65MLVD128DGG Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results

Similar Description - SN65MLVD128DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com