Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS96DR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LS96DR
Description  5-BIT SHIFT REGISTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS96DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS96DR Datasheet HTML 3Page - Texas Instruments SN74LS96DR Datasheet HTML 4Page - Texas Instruments SN74LS96DR Datasheet HTML 5Page - Texas Instruments SN74LS96DR Datasheet HTML 6Page - Texas Instruments SN74LS96DR Datasheet HTML 7Page - Texas Instruments SN74LS96DR Datasheet HTML 8Page - Texas Instruments SN74LS96DR Datasheet HTML 9Page - Texas Instruments SN74LS96DR Datasheet HTML 10Page - Texas Instruments SN74LS96DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
SN5496J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
-55 to 125
SN7496N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SN74LS96D
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
SN74LS96DR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
SN74LS96J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
0 to 70
SN74LS96N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SN74LS96N3
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SNJ5496J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
-55 to 125
SNJ5496W
OBSOLETE
CFP
W
16
TBD
Call TI
Call TI
-55 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - SN74LS96DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS96D TI-SN74LS96D Datasheet
209Kb / 7P
[Old version datasheet]   5-BIT SHIFT REGISTERS
More results

Similar Description - SN74LS96DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM54LS96 ETC1-DM54LS96 Datasheet
154Kb / 3P
   5-Bit Shift Registers
logo
Texas Instruments
SN5496 TI-SN5496 Datasheet
209Kb / 7P
[Old version datasheet]   5-BIT SHIFT REGISTERS
SN54198 TI-SN54198 Datasheet
394Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
   8-bit Shift Registers
logo
Texas Instruments
SN54LS673 TI-SN54LS673_07 Datasheet
626Kb / 23P
[Old version datasheet]   16-BIT SHIFT REGISTERS
SN54LS673 TI-SN54LS673 Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
SN5491A TI-SN5491A Datasheet
204Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
   8-bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164E AEROFLEX-UT54ACS164E Datasheet
158Kb / 9P
   8-Bit Shift Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com