Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS579LSOT Datasheet(PDF) 7 Page - SEC Electronics Inc.

Part # SS579LSOT
Description  Hall Latch - High Sensitivity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS579LSOT Datasheet(HTML) 7 Page - SEC Electronics Inc.

  SS579LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS579LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS579LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS579LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS579LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS579LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS579LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS579LSOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SS579
Hall Latch - High Sensitivity
7
V3.10 Nov 1, 2013
Package Information
Package U, 3-Pin SIP:
4.0 ± 0.01
1
2
3
1.27
2.13
1.87
1.00
1.20
45° ± 1°
3° ± 1°
0.44± 0.01
0.05 ± 0.05
0.84(Nom)
3° ± 1°
6° ± 1°
6° ± 1°
3° ± 1°
Active Area Depth:
Sensor Location
1
2
3
Notes:
1). Controlling dimension : mm ;
2). Leads must be free of flash and plating voids ;
3). Do not bend leads within 1 mm of lead to package
interface ;
4). PINOUT:
Pin 1
VDD
Pin 2
GND
Pin 3
Output
0.39± 0.01
0.38 ± 0.01
2.54


Similar Part No. - SS579LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS5781 SECELECTRONICS-SS5781 Datasheet
199Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS5781ESOT SECELECTRONICS-SS5781ESOT Datasheet
254Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS5781EUA SECELECTRONICS-SS5781EUA Datasheet
254Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS5781KSOT SECELECTRONICS-SS5781KSOT Datasheet
254Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS5781KUA SECELECTRONICS-SS5781KUA Datasheet
254Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
More results

Similar Description - SS579LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS732 SECELECTRONICS-SS732 Datasheet
265Kb / 10P
   Hall Latch - High Sensitivity
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
   Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
   Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
   Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
   Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
   Hall Latch - High Sensitivity
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
   Hall Latch - High Sensitivity
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2609 SECELECTRONICS-SS2609 Datasheet
347Kb / 6P
   Hall Latch - High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com