Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM120QML Datasheet(PDF) 6 Page - Texas Instruments

Part # LM120QML
Description  Series 3-Terminal Negative Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM120QML Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM120QML_16 Datasheet HTML 2Page - Texas Instruments LM120QML_16 Datasheet HTML 3Page - Texas Instruments LM120QML_16 Datasheet HTML 4Page - Texas Instruments LM120QML_16 Datasheet HTML 5Page - Texas Instruments LM120QML_16 Datasheet HTML 6Page - Texas Instruments LM120QML_16 Datasheet HTML 7Page - Texas Instruments LM120QML_16 Datasheet HTML 8Page - Texas Instruments LM120QML_16 Datasheet HTML 9Page - Texas Instruments LM120QML_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LM120QML
SNVS368A – DECEMBER 2010 – REVISED APRIL 2013
www.ti.com
LM120K-12 DC PARAMETERS
The following conditions apply to all the following parameters, unless otherwise specified.
VIN = −17V, IL = 5mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIN = -14V
4.0
mA
1, 2, 3
IQ
Quiescent Current
VIN = -32V
4.0
mA
1, 2, 3
0.4
mA
1
VIN = -17V, 5mA ≤ IL ≤ 1A
0.5
mA
2, 3
ΔIQ
Quiescent Current Change
0.4
mA
1
-32V
≤ VIN ≤ -14V
0.5
mA
2, 3
RLoad
Load Regulation
VIN = -17V, 5mA ≤ IL ≤ 1A
-80
80
mV
1, 2, 3
-10
10
mV
1
RLine
Line Regulation
-32V
≤ VIN ≤ -14V
-20
20
mV
2, 3
IOS
Short Circuit Current
VIN = -32V
0.4
3.0
A
1
VIN = -17V
-12.3
-11.7
V
1
VIN = -32V
-12.5
-11.5
V
1, 2, 3
VOUT
Output Voltage
VIN = -32V, IL = 1A
-12.5
-11.5
V
1, 2, 3
VIN = -14.5V
-12.5
-11.5
V
1, 2, 3
VIN = -14.5V, IL = 1A
-12.5
-11.5
V
1, 2, 3
RR
Ripple Rejection
ƒ = 120Hz, IL = 350mA, ei = 1VRMS
56
dB
4
LM120H-15 DC PARAMETERS
The following conditions apply to all the following parameters, unless otherwise specified.
VIN = 20V, IL = 5mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIN = -17V
4.0
mA
1, 2, 3
IQ
Quiescent Current
VIN = -35V
4.0
mA
1, 2, 3
VIN = -17V,
0.4
mA
1
5mA
≤ IL ≤ 200mA
0.5
mA
2, 3
ΔIQ
Quiescent Current Change
0.4
mA
1
-35V
≤ VIN ≤ -17V
0.5
mA
2, 3
VIN = -20V,
-25
25
mV
1
RLoad
Load Regulation
5mA
≤ IL ≤ 200mA
−50
50
mV
2, 3
-10
10
mV
1
RLine
Line Regulation
-35V
≤ VIN ≤ -17V
-20
20
mV
2, 3
IOS
Short Circuit Current
VIN = -35V
0.1
1.5
A
1
VIN = -20V
-15.3
-14.7
V
1
VIN = -35V
-15.5
-14.5
V
1, 2, 3
VOUT
Output Voltage
VIN = -35V, IL = 100mA
-15.5
-14.5
V
1, 2, 3
VIN = -17.5V
-15.5
-14.5
V
1, 2, 3
VIN = -17.5V, IL = 200mA
-15.5
-14.5
V
1, 2, 3
RR
Ripple Rejection
ƒ = 120Hz, IL = 125mA, ei = 1VRMS
56
dB
4
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM120QML


Similar Part No. - LM120QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM120QML TI-LM120QML_15 Datasheet
612Kb / 19P
[Old version datasheet]   LM120QML Series 3-Terminal Negative Regulators
More results

Similar Description - LM120QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
National Semiconductor ...
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com