Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM120QML Datasheet(PDF) 1 Page - Texas Instruments

Part # LM120QML
Description  Series 3-Terminal Negative Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM120QML Datasheet(HTML) 1 Page - Texas Instruments

  LM120QML_16 Datasheet HTML 1Page - Texas Instruments LM120QML_16 Datasheet HTML 2Page - Texas Instruments LM120QML_16 Datasheet HTML 3Page - Texas Instruments LM120QML_16 Datasheet HTML 4Page - Texas Instruments LM120QML_16 Datasheet HTML 5Page - Texas Instruments LM120QML_16 Datasheet HTML 6Page - Texas Instruments LM120QML_16 Datasheet HTML 7Page - Texas Instruments LM120QML_16 Datasheet HTML 8Page - Texas Instruments LM120QML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM120QML
www.ti.com
SNVS368A – DECEMBER 2010 – REVISED APRIL 2013
LM120QML Series 3-Terminal Negative Regulators
Check for Samples: LM120QML
1
FEATURES
DESCRIPTION
The
LM120
series
are
three-terminal
negative
2
Preset Output Voltage Error Less Than ±3%
regulators with a fixed output voltage of
−5V, −12V,
Preset Current Limit
and
−15V, and up to 1.5A load current capability.
Internal Thermal Shutdown
Where other voltages are required, the LM137 and
LM137HV series provide an output voltage range of
Operates with Input-Output Voltage Differential
−1.2V to −47V.
Down to 1V
The LM120 needs only one external component—a
Excellent Ripple Rejection
compensation capacitor at the output, making them
Low Temperature Drift
easy to apply. Worst case specifies on output voltage
Easily Adjustable to Higher Output Voltage
deviation due to any combination of line, load or
temperature variation assure satisfactory system
operation.
Exceptional effort has been made to make the LM120
Series immune to overload conditions. The regulators
have
current
limiting
which
is
independent
of
temperature,
combined
with
thermal
overload
protection. Internal current limiting protects against
momentary faults while thermal shutdown prevents
junction temperatures from exceeding safe limits
during prolonged overloads.
Although primarily intended for fixed output voltage
applications, the LM120 Series may be programmed
for higher output voltages with a simple resistive
divider. The low quiescent drain current of the
devices allows this technique to be used with good
regulation.
Table 1. LM120 Series Packages and Power
Capability
Rated
Design
Package
Power
Load
Dissipation
Current
TO (K)
20W
1.5A
PFM (H)
2W
0.5A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM120QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM120QML TI-LM120QML_15 Datasheet
612Kb / 19P
[Old version datasheet]   LM120QML Series 3-Terminal Negative Regulators
More results

Similar Description - LM120QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
National Semiconductor ...
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
[Old version datasheet]   LM79XX Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com