Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3409 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3409
Description  P-FET Buck Controller for High-Power LED Drivers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3409 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3409 Datasheet HTML 3Page - Texas Instruments LM3409 Datasheet HTML 4Page - Texas Instruments LM3409 Datasheet HTML 5Page - Texas Instruments LM3409 Datasheet HTML 6Page - Texas Instruments LM3409 Datasheet HTML 7Page - Texas Instruments LM3409 Datasheet HTML 8Page - Texas Instruments LM3409 Datasheet HTML 9Page - Texas Instruments LM3409 Datasheet HTML 10Page - Texas Instruments LM3409 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TEMPERATURE (°C)
1.26
1.25
1.24
1.23
1.22
-50
-14
22
58
94
130
TEMPERATURE (°C)
180
160
140
120
100
80
60
-50
-14
22
58
94
130
TEMPERATURE (°C)
1.260
1.255
1.250
1.245
1.240
1.235
1.230
-50
-14
22
58
94
130
TEMPERATURE (°C)
-5.05
-5.10
-5.15
-5.20
-5.25
-5.30
-5.35
-50
-14
22
58
94
130
TEMPERATURE (°C)
250
248
246
244
242
-50
-14
22
58
94
130
TEMPERATURE (°C)
6.125
6.100
6.075
6.050
6.025
-50
-14
22
58
94
130
7
LM3409, LM3409-Q1, LM3409HV, LM3409HV-Q1
www.ti.com
SNVS602L – MARCH 2009 – REVISED JUNE 2016
Product Folder Links: LM3409 LM3409-Q1 LM3409HV LM3409HV-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
TA = 25 °C, VIN = 24 V, and characteristics are identical for LM3409 and LM3409HV unless otherwise specified.
Figure 1. VCST vs Junction Temperature
Figure 2. VCC vs Junction Temperature
Figure 3. VADJ vs Junction Temperature
Figure 4. IADJ vs Junction Temperature
Figure 5. VOFT vs Junction Temperature
Figure 6. tON-MIN vs Junction Temperature


Similar Part No. - LM3409

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3409 NSC-LM3409 Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409HVMY NSC-LM3409HVMY Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409HVMY NSC-LM3409HVMY Datasheet
1,003Kb / 30P
   PFET Buck Controller for High Power LED Drives
logo
Texas Instruments
LM3409HVMY/NOPB TI1-LM3409HVMY/NOPB Datasheet
1Mb / 43P
[Old version datasheet]   PFET Buck Controller for High Power LED Drivers
logo
National Semiconductor ...
LM3409HVMYX NSC-LM3409HVMYX Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
More results

Similar Description - LM3409

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3409MY-NOPB TI1-LM3409MY-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   PFET Buck Controller for High Power LED Drivers
logo
ON Semiconductor
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
CS51031 ONSEMI-CS51031_05 Datasheet
95Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
logo
National Semiconductor ...
LM3409 NSC-LM3409_10 Datasheet
1,003Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409 NSC-LM3409 Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
logo
Dialog Semiconductor
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
Renesas Technology Corp
IW3614 RENESAS-IW3614 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
logo
Dialog Semiconductor
IW3623 DIALOG-IW3623 Datasheet
514Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3617 DIALOG-IW3617 Datasheet
471Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com