Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM57001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM57001
Description  TINY CONTROLLER-BASED SOUND PROCESSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM57001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM57001 Datasheet HTML 1Page - List of Unclassifed Manufacturers EM57001 Datasheet HTML 2Page - List of Unclassifed Manufacturers EM57001 Datasheet HTML 3Page - List of Unclassifed Manufacturers EM57001 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM57001 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM57001 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM57001 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM57001 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM57001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
* This specification are subject to be changed without notice.
EM57000 SERIES
TINY CONTROLLER-BASED
SOUND PROCESSOR
3.19.2002
EASY SOUND -
ELECTRICAL CHARACTERISTICS (V
DD = 3V,25
o
C unless otherwise specified)
Parameter
Sym.
Min.
Typ.
Max. Unit
Condition
Operating voltage
V
DD
2.43.0
5.1
V
Standby current
I
DDS
--
1.0
µA
V
DD=3V
Operating current
I
DDO
-
-
280
µA
V
DD=3V, No load
Drive current of P2,P3
I
OD
1.0
-
-
mA
V
DD=3V, VO=2.4V
Sink current of P2, P3
I
OS
1.6
-
-
mA
V
DD=3V, VO=0.4V
Input current of P1*
I
IH
-
3.0
10.0
µA
V
DD=3V
Output current of VO
I
VO
2.0
3.0
4.0
mA
V
DD=3V, VO=0.7V (Step 7)
Oscillation resistor
R
-
1.0
-
MΩ
V
DD=3V
-
100
-
KΩ
For EM57600HXR
Oscillator frequency
F
osc
-
1.0
-
MHz V
DD=3V
ABSOLUTE MAXIMUM RATINGS
Items
Sym.
Min.
Max.
Unit
Supply Voltage
V
DD-VSS
-0.3
6.0
V
Input Voltage
V
IN
V
SS-0.3
V
DD+0.3
V
Operating Temperature
T
OP
-20
70
o
C
Storage Temperature
T
STG
-55
+125
o
C
* : provided for EM57100 and above
PIN DESCRIPTIONS
Symbol
I/O
Function
P1.0*
I
Bit 0 of Port 1.
P1.1*
I
Bit 1 of Port 1.
P1.2*
I
Bit 2 of Port 1.
P1.3*
I
Bit 3 of Port 1.
P2.0
I/O
Bit 0 of Port 2.
P2.1
I/O
Bit 1 of Port 2.
P2.2
I/O
Bit 2 of Port 2.
P2.3
I/O
Bit 3 of Port 2.
P3.0
I/O
Bit 0 of Port 3.
P3.1
I/O
Bit 1 of Port 3.
P3.2
I/O
Bit 2 of Port 3. IR Tx.
P3.3
I/O
Bit 3 of Port 3. Flash with volume output.
V
DD
I
Positive power supply.
OSC
I
Oscillation component connection pin.
TEST
I
For testing only.
V
SS
I
Negative power supply.
VO
O
Voice output.
* : provided for EM57100 and above


Similar Part No. - EM57001

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM572KHZ EUROQUARTZ-EM572KHZ Datasheet
136Kb / 1P
   7 x 5 x 2.3mm SMD, kHz Range
EM572MHZ EUROQUARTZ-EM572MHZ Datasheet
136Kb / 1P
   7 x 5 x 2.3mm SMD, MHz Range
EM572T EUROQUARTZ-EM572T Datasheet
124Kb / 1P
   CMOS 7 x 5 x 2.3mm SMD, MHz Range 1.25MHz to 40.0MHz
EM57K EUROQUARTZ-EM57K Datasheet
136Kb / 1P
   ULTRA-LOW CURRENT
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
More results

Similar Description - EM57001

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
   TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
EM58P300 EMC-EM58P300 Datasheet
39Kb / 4P
   TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
   TINY CONTROLLER-BASED SYNTHESIZER
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
   TINY CONTROLLER-BASED SYNTHESIZER
EM56000A EMC-EM56000A Datasheet
202Kb / 13P
   TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
   tiny-controller-based voice synthesizer IC
logo
ELAN Microelectronics C...
EM60000 EMC-EM60000 Datasheet
209Kb / 13P
   STEREO FOUR CHANNEL 8 BIT BASED SOUND PROCESSOR
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
   TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
logo
AAEON Technology
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
   Fanless Tiny Embedded Controller With Intel Atom??Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com