Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3435 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3435
Description  Compact Sequential Mode RGB LED Driver with I2C Control Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3435 Datasheet(HTML) 4 Page - Texas Instruments

  LM3435 Datasheet HTML 1Page - Texas Instruments LM3435 Datasheet HTML 2Page - Texas Instruments LM3435 Datasheet HTML 3Page - Texas Instruments LM3435 Datasheet HTML 4Page - Texas Instruments LM3435 Datasheet HTML 5Page - Texas Instruments LM3435 Datasheet HTML 6Page - Texas Instruments LM3435 Datasheet HTML 7Page - Texas Instruments LM3435 Datasheet HTML 8Page - Texas Instruments LM3435 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM3435
SNVS724C – JUNE 2011 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Specification with standard type are for TA = TJ = +25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum are specified through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 5V and VOUT – VIN = 3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Characteristics
IIN
IIN operating current
No switching
5
10
mA
IIN-SD
IIN Shutdown current
VEN = 0V
8
30
µA
ISVDD
SVDD standby supply current
VSVDD = 5V, I
2C Bus idle
1
µA
VINUVLO
VIN under-voltage lock-out
VIN decreasing
2.5
V
VINUVLO_hys
VIN under-voltage lock-out hysteresis
VIN increasing
0.2
V
Enable Input
VEN
EN Pin input threshold
VEN rising
0.8 x VIN
V
VEN falling
0.2 x VIN
V
IEN
Enable Pull-up Current
VEN = 0V
5
µA
Logic Inputs (RCTRL, GCTRL and BCTRL)
VCTRL
CTRL pins input threshold
VCTRL rising
1.35
V
(VIN = 2.7V to 5.5V)
VCTRL falling
0.63
(VIN = 2.7V to 5.5V)
Switching Characteristics
RDS-M-ON
Main MOSFET RDS(ON)
VGS(MAIN) =VIN = 5.0V
0.04
0.1
ISW(sink) = 100mA
RDS-S-ON
Syn. MOSFET RDS(ON)
VGS(SYN) = VOUT - 5.0V
0.06
0.2
ISW(source) = 100mA
Current Limit
ICL
Peak current limit through main MOSFET
6
8.5
A
threshold
ON/OFF Timer
tON
ON timer pulse width
RRT = 499 kΩ
750
ns
tON-MIN
ON timer minimum pulse width
80
ns
tOFF
OFF timer minimum pulse width
155
ns
RGB Driver Characteristics (RLED, BLED and GLED)
RDS(RED)
Red LED Switch RDS
VOUT - VIN = 3.3V
0.1
0.2
ILED = 1.5A
I2C code = 3FFh
RDS(BLU)
Blue LED Switch RDS
VOUT - VIN = 3.3V
0.1
0.2
ILED = 1.5A
I2C code = 3FFh
RDS(GRN)
Green LED Switch RDS
VOUT - VIN = 3.3V
0.1
0.2
ILED = 1.5A
I2C code = 3FFh
ILEDMAX
Max. LED current(1)
VIN = 4.5V to 5.5V,
2
A
0°C
≤ TA ≤ 50°C
I1.5A,3FFh
Current accuracy (3FFh)
VIN = 2.7V to 5.5V
1.455
1.5
1.545
A
RIREF = 16.5 kΩ,
1.425
1.575
A
VOUT – VIN = 2.4V (RLED),
I1.5A,1FFh
Current (1FFh)
0.8
A
3.3V (GLED/BLED)
I1.5A,001h
Current (001h)
1.2
mA
(1)
Maximum LED current measured at VIN = 4.5V to 5.5V with heat sink on top of LM3435 with no air flow at 0°C ≤ TA ≤ 50°C. Operating
conditions differ from the above is not ensured.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3435


Similar Part No. - LM3435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435SQ TI1-LM3435SQ Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435SQX TI1-LM3435SQX Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
More results

Similar Description - LM3435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
   Compact, 6-channel LED Driver Board with I2C Interface
logo
Kinetic Technologies.
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
   36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
   12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
   36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Texas Instruments
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com