Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3492 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3492
Description  Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492 Datasheet(HTML) 4 Page - Texas Instruments

  LM3492_15 Datasheet HTML 1Page - Texas Instruments LM3492_15 Datasheet HTML 2Page - Texas Instruments LM3492_15 Datasheet HTML 3Page - Texas Instruments LM3492_15 Datasheet HTML 4Page - Texas Instruments LM3492_15 Datasheet HTML 5Page - Texas Instruments LM3492_15 Datasheet HTML 6Page - Texas Instruments LM3492_15 Datasheet HTML 7Page - Texas Instruments LM3492_15 Datasheet HTML 8Page - Texas Instruments LM3492_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM3492, LM3492Q
SNVS656C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Specification with standard type are for TA = TJ = +25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum are ensured through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 12V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, VCC
VCC
VCC pin output voltage
CVCC = 0.47 µF, no load
4.7
5.5
6.3
V
ICC = 2 mA
4.7
5.5
6.3
V
VCC-UVLO
VCC pin under-voltage lockout threshold (UVLO)
VCC increasing
3.56
3.78
4.00
V
VCC-UVLO-HYS
VCC pin UVLO hysteresis
VCC decreasing
310
mV
IIN
IIN operating current
No switching, VFB = 0V
3.6
5.2
mA
IIN-SD
IIN operating current, Device shutdown
VEN = 0V
30
95
µA
IVCC
VCC pin current limit (1)
VCC = 0V
18
30
mA
VCC-VOUT
VCC pin output voltage when supplied by VOUT
VIN = Open, ICC = 1 mA, VOUT = 18V
3.5
4.1
4.7
V
Enable Input
VEN
EN pin input threshold
VEN rising
1.55
1.63
1.71
V
VEN-HYS
EN pin threshold hysteresis
VEN falling
194
mV
IEN-SHUT
Enable Pull-up Current at shutdown
VEN = 0V
2
µA
IEN-OPER
Enable Pull-up Current during operation
VEN = 2V
40
µA
Current Regulator
VIREF
IREF pin voltage
VIN = 4.5V to 65V
1.231
1.256
1.281
V
VDHC50
VIOUT under DHC at IOUT = 50 mA
RIREF = 25 kΩ
0.160
0.225
0.290
V
VDHC100
VIOUT under DHC at IOUT = 100 mA
RIREF = 12.5 kΩ
0.38
0.48
0.58
V
VDHC200
VIOUT under DHC at IOUT = 200 mA
RIREF = 6.25 kΩ
0.81
0.99
1.17
V
IOUT50
Current Output under DHC at VIOUT = VDHC50
RIREF = 25 kΩ, VIOUT = VDHC50
47.5
50
52.5
mA
RIREF = 25 kΩ, VIOUT = VDHC50
46.5
50
53.5
mA
IOUT100
Current Output under DHC at VIOUT = VDHC100
RIREF = 12.5 kΩ, VIOUT = VDHC100
97
100
103
mA
RIREF = 12.5 kΩ, VIOUT = VDHC100
96
100
104
mA
IOUT200
Current Output under DHC at VIOUT = VDHC200
RIREF = 6.25 kΩ, VIOUT = VDHC200
194
200
206
mA
RIREF = 6.25 kΩ, VIOUT = VDHC200
192
200
208
mA
IOUTOFF
Leakage at Maximum Work Voltage
VDIM = 0, VIOUT = 65V
5
µA
VIOUT50-MIN
Minimum Work Voltage, 50 mA
RIREF = 25 kΩ, IOUT = 0.98 x IOUT50
0.1
0.15
V
VIOUT100-MIN
Minimum Work Voltage, 100 mA
RIREF = 12.5 kΩ, IOUT = 0.98 x IOUT100
0.2
0.35
V
VIOUT200-MIN
Minimum Work Voltage, 200 mA
RIREF = 6.25 kΩ, IOUT = 0.98 x IOUT200
0.4
0.65
V
VDIM-HIGH
DIM Voltage HIGH
1.17
V
VDIM-LOW
DIM Voltage LOW
0.7
V
Boost Converter
ICDHC-SRC
CDHC pin source current
VCDHC = 1.6V, VFB = 3V, VIOUT = 0V,
60
µA
DIM = High
ICDHC-SINK
CDHC pin sink current
VCDHC = 1.6V, VFB = 3V, VIOUT = 3V,
56
µA
DIM = High
ICDHC-LEAKAGE
CDHC pin leakage current
DIM = Low, VCDHC = 2.6V
5
46
nA
ICL-MAX
Integrated MOSFET peak current limit threshold
3.3
3.9
4.5
A
ICL-HALF
Half integrated MOSFET peak current limit threshold RILIM = 11 kΩ
2.0
A
RDS(on)
Integrated MOSFET RDS(on)
ISW = 500 mA
0.19
0.43
VFBTH-PWRGD
Power-Good FB pin threshold
2.25
V
IFB
Feedback pin input current
VFB = 3V
1
µA
ton
ON timer pulse width
VIN = 12V, VOUT = 65V, RRT = 300 kΩ
1460
ns
VIN = 24V, VOUT = 32.5V, RRT = 300 kΩ
800
ns
VIN = 12V, VOUT = 65V, RRT = 100 kΩ
550
ns
VIN = 24V, VOUT = 32.5V, RRT = 100 kΩ
350
ns
ton-min-ILIM
ON timer minimum pulse width at current limit
145
ns
(1)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3492 LM3492Q


Similar Part No. - LM3492_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492-Q1 TI1-LM3492-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI-LM34922 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922MY TI1-LM34922MY Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922MY/NOPB TI-LM34922MY/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results

Similar Description - LM3492_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Two-Channel, Individual Dimmable LED Driver
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
STMicroelectronics
ALED6001 STMICROELECTRONICS-ALED6001 Datasheet
460Kb / 26P
   Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
November 2015 Rev 2
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com