Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3423 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3423
Description  N-Channel Controllers for Constant-Current LED Drivers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3423 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3423 Datasheet HTML 3Page - Texas Instruments LM3423 Datasheet HTML 4Page - Texas Instruments LM3423 Datasheet HTML 5Page - Texas Instruments LM3423 Datasheet HTML 6Page - Texas Instruments LM3423 Datasheet HTML 7Page - Texas Instruments LM3423 Datasheet HTML 8Page - Texas Instruments LM3423 Datasheet HTML 9Page - Texas Instruments LM3423 Datasheet HTML 10Page - Texas Instruments LM3423 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
Electrical Characteristics (continued)
MIN and MAX limits apply for TJ = −40°C to 150°C for LM3421Q0/LM3423Q0, TJ = −40°C to 125°C for all others, unless
otherwise specified. Specifications that differ between the two operating ranges will be identified in the Temp Range column
as Q0 for TJ = −40°C to 150°C and as Q1 for TJ = −40°C to 125°C. If no temperature range is indicated then the specification
holds for both Q1 and Q0. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following condition applies: VIN = 14 V.
TEMP
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
RANGE
Q1
22
30
35
µA
COMP Sink / Source Current
Q0
22
30
36
µA
Transconductance
100
µA/V
Linear Input Range
(3)
±125
mV
-6dB Unloaded Response (3),
Transconductance Bandwidth
0.5
1
MHz
MIN = TJ = 25°C
OFF TIMER
Q1
35
75
RCT = 1 V through
Minimum OFF-time
ns
1 k
Q0
35
90
Q1
36
120
RCT Reset Pulldown
RRCT
Resistance
Q0
36
125
Q1
540
565
585
VRCT
VIN/25 Reference Voltage
VIN = 14 V
mV
Q0
540
565
590
Continuous Conduction
f
2.2 nF > CT > 470 pF
25/(CTRT)
Hz
Switching Frequency
PWM COMPARATOR
COMP to PWM Offset
700
800
900
mV
CURRENT LIMIT (IS)
ILIM
Current Limit Threshold
215
245
275
mV
Q1
35
75
ns
ILIM Delay to Output
Q0
35
90
ns
Leading Edge Blanking Time
115
210
325
ns
HIGH SIDE TRANSCONDUCTANCE AMPLIFIER
Input Bias Current
11.5
µA
Transconductance
20
119
mA/V
Input Offset Current
–1.5
0
1.5
µA
Input Offset Voltage
–7
0
7
mV
Transconductance Bandwidth
ICSH = 100 µA
(3), T
J = 25°C
250
500
kHz
GATE DRIVER (GATE)
RSRC(GATE)
GATE Sourcing Resistance
GATE = High
2
6
RSNK(GATE)
GATE Sinking Resistance
GATE = Low
1.3
4.5
DIM DRIVER (DIM, DDRV)
nDIMVTH
nDIM / UVLO Threshold
1.185
1.24
1.285
V
Q1
20
23
25
nDIMHYS
nDIM Hysteresis Current
µA
Q0
20
23
26
RSRC(DDRV)
DDRV Sourcing Resistance
DDRV = High
13.5
30
RSNK(DDRV)
DDRV Sinking Resistance
DDRV = Low
3.5
10
PULLDOWN N-CHANNEL MOSFETS
Q1
145
300
RRPD
RPD Pulldown Resistance
Q0
145
350
(3)
These electrical parameters are specified by design, and are not verified by test.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1


Similar Part No. - LM3423

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3423 NSC-LM3423 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3423 NSC-LM3423 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3423 NSC-LM3423 Datasheet
972Kb / 10P
   The boost circuit can be easily redesigned for different
LM3423 NSC-LM3423 Datasheet
825Kb / 14P
   LM3423 Buck-Boost 2 Layer Evaluation Board evaluation board showcases most features
logo
Texas Instruments
LM3423 TI1-LM3423 Datasheet
1Mb / 65P
[Old version datasheet]   N-Channel Controllers for Constant Current LED Drivers
More results

Similar Description - LM3423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3421 TI1-LM3421_14 Datasheet
1Mb / 65P
[Old version datasheet]   N-Channel Controllers for Constant Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
[Old version datasheet]   LM3429Q1 N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com