Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM57400 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EM57400
Description  TINY CONTROLLER-BASED SOUND PROCESSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM57400 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EM57400 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM57400 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM57400 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM57400 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM57400 Datasheet HTML 9Page - List of Unclassifed Manufacturers EM57400 Datasheet HTML 10Page - List of Unclassifed Manufacturers EM57400 Datasheet HTML 11Page - List of Unclassifed Manufacturers EM57400 Datasheet HTML 12Page - List of Unclassifed Manufacturers EM57400 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
EM57000 SERIES
TINY CONTROLLER-BASED
SOUND PROCESSOR
* This specification are subject to be changed without notice.
9
3.19.2002
EASY SOUND -
PAD DIAGRAM
Chip Size : 1900um x 1400um
Note : For PCB layout, IC substrate must be connected to Vss.
Pad No.
Symbol
X
Y
7
VDD
-738.1
63.3
8
VO
-764.2
-102.4
9
P3.3
-764.2
-482.5
10
P3.2
-626.2
-482.5
11
P3.1
-491.4
-478.3
12
P3.0
-353.5
-478.3
13
P2.3
-217.9
-478.3
14P2.2
-72.9
-4
78.3
15
P2.1
62.8
-478.3
16
P2.0
207.8
-478.3
17
P1.3
343.4
-479.7
18
P1.2
482.0
-479.7
19
P1.1
616.1
-479.7
20
P1.0
754.7
-479.7
21
GND
733.1
-302.0
22
OSC
737.2
-147.0
23
TEST
737.2
-2.8
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
VDD
VO
P3.3
P3.2
P3.1
P3.0
P2.3
P2.2
P2.1
P2.0
P1.3
P1.2
P1.1
P1.0
GND
OSC
TEST
(0,0)
EM57200


Similar Part No. - EM57400

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM572KHZ EUROQUARTZ-EM572KHZ Datasheet
136Kb / 1P
   7 x 5 x 2.3mm SMD, kHz Range
EM572MHZ EUROQUARTZ-EM572MHZ Datasheet
136Kb / 1P
   7 x 5 x 2.3mm SMD, MHz Range
EM572T EUROQUARTZ-EM572T Datasheet
124Kb / 1P
   CMOS 7 x 5 x 2.3mm SMD, MHz Range 1.25MHz to 40.0MHz
EM57K EUROQUARTZ-EM57K Datasheet
136Kb / 1P
   ULTRA-LOW CURRENT
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
More results

Similar Description - EM57400

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
   TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
EM58P300 EMC-EM58P300 Datasheet
39Kb / 4P
   TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
   TINY CONTROLLER-BASED SYNTHESIZER
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
   TINY CONTROLLER-BASED SYNTHESIZER
EM56000A EMC-EM56000A Datasheet
202Kb / 13P
   TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
   tiny-controller-based voice synthesizer IC
logo
ELAN Microelectronics C...
EM60000 EMC-EM60000 Datasheet
209Kb / 13P
   STEREO FOUR CHANNEL 8 BIT BASED SOUND PROCESSOR
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
   TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
logo
AAEON Technology
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
   Fanless Tiny Embedded Controller With Intel Atom??Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com