Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3538 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3538
Description  6-Channel WLED Driver with Four Integrated LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3538 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3538_13 Datasheet HTML 4Page - Texas Instruments LM3538_13 Datasheet HTML 5Page - Texas Instruments LM3538_13 Datasheet HTML 6Page - Texas Instruments LM3538_13 Datasheet HTML 7Page - Texas Instruments LM3538_13 Datasheet HTML 8Page - Texas Instruments LM3538_13 Datasheet HTML 9Page - Texas Instruments LM3538_13 Datasheet HTML 10Page - Texas Instruments LM3538_13 Datasheet HTML 11Page - Texas Instruments LM3538_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
Sensor Interface Electrical Characteristics
Unless otherwise noted, VIN_A = 3.6V, CIN_A = 1 µF, CIN_B = 100 nF, CIN_C = 2.2 µF, CSEN = 1 µF, HWEN = high. Limits in
standard typeface are for TJ = 25°C, and limits in boldface type apply over the operating ambient temperature range (−30°C
to +85°C).
Symbol
Parameter
Condition
Min
Typ
Max
Units
SBIAS
IOUT_S
SBIAS Output Current
2.7V
≤ VIN_A ≤ 5.5V. VOUT_S < (VIN_A +0.3V)
20
mA
2.7V
≤ VIN_A ≤ 5.5V. IOUT_S = 1.0mA. 2.4V
−5%
2.4
+5%
option selected via register.
VOUT_S
SBIAS Output Voltage
V
3.3V
≤ VIN_A ≤ 5.5V. IOUT_S = 1.0mA. 3.0V
−5%
3.0
+5%
option selected via register.
Sensor Interface Quiescent Supply
IQIF
No Load
35
µA
Current(1)(2)
(1)
In addition to Quiescent Supply Current (IQ) drawn by the charge pump (See Table Charge Pump and LED Drivers Electrical
Characteristics ).
(2)
Specified by design.
Timing Parameters
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538


Similar Part No. - LM3538_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3538TME TI1-LM3538TME Datasheet
1,010Kb / 28P
[Old version datasheet]   LM3538 6-Channel WLED Driver with Four Integrated LDOs
LM3538TMX TI1-LM3538TMX Datasheet
1,010Kb / 28P
[Old version datasheet]   LM3538 6-Channel WLED Driver with Four Integrated LDOs
More results

Similar Description - LM3538_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3538 TI1-LM3538 Datasheet
1,010Kb / 28P
[Old version datasheet]   LM3538 6-Channel WLED Driver with Four Integrated LDOs
LM3537 TI1-LM3537_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel WLED Driver with Four Integrated LDOs
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
[Old version datasheet]   LM3537 8-Channel WLED Driver with Four Integrated LDOs
logo
Advanced Analogic Techn...
AAT2845 ANALOGICTECH-AAT2845_08 Datasheet
1Mb / 19P
   Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847_08 Datasheet
706Kb / 20P
   Four-Channel Backlight Driver with Dual LDOs
AAT2845 ANALOGICTECH-AAT2845 Datasheet
841Kb / 19P
   Four-Channel Backlight Driver with Dual LDOs
AAT2845A ANALOGICTECH-AAT2845A Datasheet
461Kb / 19P
   Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847 Datasheet
382Kb / 20P
   Four-Channel Backlight Driver with Dual LDOs
logo
Micrel Semiconductor
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
logo
Texas Instruments
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
[Old version datasheet]   LCD Bias IC with Integrated WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com