Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3622 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3622
Description  Lithium-Ion Battery Charger Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3622 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3622 Datasheet HTML 3Page - Texas Instruments LM3622 Datasheet HTML 4Page - Texas Instruments LM3622 Datasheet HTML 5Page - Texas Instruments LM3622 Datasheet HTML 6Page - Texas Instruments LM3622 Datasheet HTML 7Page - Texas Instruments LM3622 Datasheet HTML 8Page - Texas Instruments LM3622 Datasheet HTML 9Page - Texas Instruments LM3622 Datasheet HTML 10Page - Texas Instruments LM3622 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM3622
www.ti.com
SNVS043B – FEBRUARY 2000 – REVISED APRIL 2013
APPLICATION INFORMATION
CEL PIN CURRENT DRAIN
The LM3622 has an internal power down switch in series with the on-chip resistor divider that is used for sensing
the battery voltage. In the event that the VCC supply is removed, the power down switch will disconnect the
resistor divider from the CS pin, preventing the battery from discharging through the CEL pin.
EXT PIN
The EXT pin is internally pulled up to VCC via a 20µA current source making it possible to eliminate the external
base-emitter resistor when driving a PNP transistor, or the gate-source resistor when driving a P-MOSFET.
However, the voltage applied to EXT is not allowed to be higher than (VCC + 0.3V), otherwise the reverse current
from EXT pin to VCC pin may cause damage to the device.
LV PIN CURRENT RATING
The LV pin is a low power, NPN open collector output that is rated to sink 10mA maximum. Therefore, the value
of the pull up resistor should be chosen high enough to limit the current to be less than 10mA.
CS PIN
In normal operation, the current limit threshold voltage for the CS pin is 100mV typical. In case of a fault
condition, the voltage to this pin should be limited to below 5V.
TYPICAL APPLICATION
Figure 9. Low Dropout, Constant Current/Constant Voltage Li-ion Battery Charger
The low dropout linear charger shown in Figure 9 provides constant current and constant voltage charging of 1-
cell lithium-ion battery packs. J1 and J2 are used for selecting the operation of the low-voltage detection. The
LM3622 initializes the charge cycle based on the battery voltage and the enable status of the low-voltage
detection.
When the low-voltage detection is disabled, the LM3622 starts the charge cycle constant current mode if the
battery voltage is below the controller's regulation level. In constant current mode, the LM3622 modulates the
base drive of Q2 to regulate a constant 100mV across the current sense resistor R1, thus generating charge
current of
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3622


Similar Part No. - LM3622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
LM3622AM-4.1 NSC-LM3622AM-4.1 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
LM3622AM-4.2 NSC-LM3622AM-4.2 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
LM3622AM-8.2 NSC-LM3622AM-8.2 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
LM3622AM-8.4 NSC-LM3622AM-8.4 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
More results

Similar Description - LM3622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com