Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3687 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3687
Description  Step-Down DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3687 Datasheet(HTML) 4 Page - Texas Instruments

  LM3687 Datasheet HTML 1Page - Texas Instruments LM3687 Datasheet HTML 2Page - Texas Instruments LM3687 Datasheet HTML 3Page - Texas Instruments LM3687 Datasheet HTML 4Page - Texas Instruments LM3687 Datasheet HTML 5Page - Texas Instruments LM3687 Datasheet HTML 6Page - Texas Instruments LM3687 Datasheet HTML 7Page - Texas Instruments LM3687 Datasheet HTML 8Page - Texas Instruments LM3687 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM3687
SNVS473B – DECEMBER 2007 – REVISED MAY 2013
www.ti.com
Voltage Options
DC-DC Converter Output:
Linear Regulator Output:
VOUT_DCDC
VOUT_LIN
1.80V
1.50V
1.80V
1.20V
1.80V (1)
1.30V (1)
(1)
For availability of these or other output voltage combinations please contact your local Texas Instruments sales office
Enable Combinations
EN_DCDC
EN_LIN
Comments
0
0
No Outputs
0
1
Linear Regulator enabled only (1)
1
0
DC-DC converter enabled only
1
1
DC-DC converter and linear regulator active (1)
(1)
Startup Mode
Startup Mode:
VIN_LIN must be higher than VOUT_LIN(NOM) + 200mV in order to enable the main regulator (IMAX = 350mA).
If VIN_LIN < VOUT_LIN(NOM) + 100mV (100mV hysteresis), the startup LDO (IMAX = 50mA) is active, supplied from
VBATT.
For example in the typical post regulation application the LDO will remain in startup mode until the DC-DC
converter has ramped up its output voltage.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VIN_LIN, VBATT pins: Voltage to GND,
VIN_LIN≤ VBATT
-0.2V to 6.0V
VIN_LIN pin to VBATT pin
0.2V
Enable pins,
(GND-0.2V) to
Feedback pin,
(VBATT+0.2V) with
SW pin
6.0V max
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX )
150°C
Storage Temperature Range
-65°C to + 150°C
Package Peak Reflow Temperature (Pb-free, 10-20 sec.) (5)
260°C
ESD Rating (6)
Human Body Model:
2.0kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the SGND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 140°C (typ.).
(5)
For detailed soldering specifications and information, please refer to Application Note 1112: DSBGA Wafer Level Chip Scale Package
SNVA009.
(6)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. (MIL-STD-883 3015.7)
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3687


Similar Part No. - LM3687

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
National Semiconductor ...
LM3687TL-1812 NSC-LM3687TL-1812 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
LM3687TL-1813 NSC-LM3687TL-1813 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
LM3687TL-1815 NSC-LM3687TL-1815 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
More results

Similar Description - LM3687

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com