Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16501DGGRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74ABT16501DGGRG4
Description  18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ABT16501DGGRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74ABT16501DGGRG4 Datasheet HTML 3Page - Texas Instruments 74ABT16501DGGRG4 Datasheet HTML 4Page - Texas Instruments 74ABT16501DGGRG4 Datasheet HTML 5Page - Texas Instruments 74ABT16501DGGRG4 Datasheet HTML 6Page - Texas Instruments 74ABT16501DGGRG4 Datasheet HTML 7Page - Texas Instruments 74ABT16501DGGRG4 Datasheet HTML 8Page - Texas Instruments 74ABT16501DGGRG4 Datasheet HTML 9Page - Texas Instruments 74ABT16501DGGRG4 Datasheet HTML 10Page - Texas Instruments 74ABT16501DGGRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN54ABT16501, SN74ABT16501
18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS086C – FEBRUARY 1991 – REVISED JANUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16501
SN74ABT16501
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
CLKAB or CLKBA
105
160
105
105
MHz
tPLH
AorB
BorA
1
2.6
3.4
1
3.9
1
3.7
ns
tPHL
A or B
B or A
1
2.6
3.4
1
4.1
1
4
ns
tPLH
LEAB or LEBA
BorA
1.3
3.3
4.3
1.3
5.4
1.3
5.1
ns
tPHL
LEAB or LEBA
B or A
1.4
3.1
4.1
1.4
4.6
1.4
4.4
ns
tPLH
CLKAB or CLKBA
BorA
1.5
3.5
4.5
1.5
5.3
1.5
5
ns
tPHL
CLKAB or CLKBA
B or A
1.3
3.1
4.1
1.3
4.6
1.3
4.4
ns
tPZH
OEAB or OEBA
BorA
1
3
4
1
4.8
1
4.7
ns
tPZL
OEAB or OEBA
B or A
2.6
4.9
5.9
2.6
6.6
2.6
6.5
ns
tPHZ
OEAB or OEBA
BorA
1.6
3.9
4.9
1.6
5.9
1.6
5.8
ns
tPLZ
OEAB or OEBA
B or A
1.1
3.4
4.4
1.1
5.1
1.1
4.9
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 74ABT16501DGGRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
NXP Semiconductors
74ABT16501A PHILIPS-74ABT16501A Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501ADGG PHILIPS-74ABT16501ADGG Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501ADL PHILIPS-74ABT16501ADL Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Fairchild Semiconductor
74ABT16501CMTD FAIRCHILD-74ABT16501CMTD Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results

Similar Description - 74ABT16501DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162500 HITACHI-HD74ALVCH162500 Datasheet
56Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162601 TI1-SN54ABT162601_15 Datasheet
1Mb / 16P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16500 FAIRCHILD-74ABT16500 Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com