Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27964 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM27964
Description  LM27964 White LED Driver System with I2C Compatible Brightness Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27964 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM27964 Datasheet HTML 4Page - Texas Instruments LM27964 Datasheet HTML 5Page - Texas Instruments LM27964 Datasheet HTML 6Page - Texas Instruments LM27964 Datasheet HTML 7Page - Texas Instruments LM27964 Datasheet HTML 8Page - Texas Instruments LM27964 Datasheet HTML 9Page - Texas Instruments LM27964 Datasheet HTML 10Page - Texas Instruments LM27964 Datasheet HTML 11Page - Texas Instruments LM27964 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM27964
SNOSAL6D – MAY 2005 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 3.6V; VLEDxA = 3.6V, VLEDxB = 3.6V; RSETA = RSETB = RSETK = 16.9kΩ; C1=C2=1µF , and CIN =
CPOUT = 2.2µF.
BankB Diode Current
Keypad Driver Current
vs
vs
BankB Headroom Voltage
Input Voltage
Figure 8.
Figure 9.
Keypad Driver Current
Keypad Diode Current
vs.
vs
Brightness Register Code
Keypad Headroom Voltage
Figure 10.
Figure 11.
Keypad Driver Current
vs
Keypad RSET Resistance
Figure 12.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM27964


Similar Part No. - LM27964

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
LM27964SQ-A NSC-LM27964SQ-A Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964SQ-C NSC-LM27964SQ-C Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
LM27964SQ-I NSC-LM27964SQ-I Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
More results

Similar Description - LM27964

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
[Old version datasheet]   LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com