Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27966 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM27966
Description  LM27966 White LED Driver with I2C Compatible Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27966 Datasheet(HTML) 1 Page - Texas Instruments

  LM27966 Datasheet HTML 1Page - Texas Instruments LM27966 Datasheet HTML 2Page - Texas Instruments LM27966 Datasheet HTML 3Page - Texas Instruments LM27966 Datasheet HTML 4Page - Texas Instruments LM27966 Datasheet HTML 5Page - Texas Instruments LM27966 Datasheet HTML 6Page - Texas Instruments LM27966 Datasheet HTML 7Page - Texas Instruments LM27966 Datasheet HTML 8Page - Texas Instruments LM27966 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM27966
SCL
SDIO
D1
VIN
POUT
GND
RSET
ISET
COUT
CIN
C1
C2
VIN
D2
D3
D4
D5
MAIN DISPLAY
VIO
I
2
C
Compatible
Interface
DAUX
AUXILIARY
LED
1 PF
1 PF
1 PF
1 PF
RESET
Capacitors:
TDK C1608X5R1A105K
or equivalent
LM27966
www.ti.com
SNVS448B – JULY 2006 – REVISED MAY 2013
LM27966 White LED Driver with I2C Compatible Interface
Check for Samples: LM27966
1
FEATURES
DESCRIPTION
The LM27966 is a highly integrated charge-pump-
2
91% Peak LED Drive Efficiency
based display LED driver. The device can drive up to
No Inductor Required
6 LEDs in parallel with a total output current of
0.3% Current Matching
180mA. Regulated internal current sources deliver
excellent current and brightness matching in all LEDs.
Drives 6 LEDs with up to 30mA per LED
180mA of total driver current
The LED driver current sources are split into two
independently controlled groups. The primary group,
I2C Compatible Brightness Control Interface
which can be configured with 4 or 5 LEDs, can be
Adaptive 1×- 3/2× Charge Pump
used to backlight the main phone display. An
Resistor-Programmable Current Settings
additional, independently controlled led driver is
provided for driving an indicator or other general
External Chip RESET Pin (RESET)
purpose LED function. The LM27966 has an I2C
Extended Li-Ion Input: 2.7V to 5.5V
compatible
interface
that
allows
the
user
to
Small low profile industry standard leadless
independently control the brightness on each bank of
package, WQFN 24 : (4mm x 4mm x 0.8mm)
LEDs.
The device provides excellent efficiency without the
APPLICATIONS
use of an inductor by operating the charge pump in a
Mobile Phone Display Lighting
gain of 3/2, or in Pass-Mode. The proper gain for
maintaining current regulation is chosen, based on
PDAs Backlighting
LED forward voltage, so that efficiency is maximized
General LED Lighting
over the input voltage range.
The LM27966 is available in a small 24-pin Leadless
Leadframe WQFN-24 package.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM27966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
LM27966SQ NSC-LM27966SQ Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
LM27966SQX NSC-LM27966SQX Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results

Similar Description - LM27966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com