Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55LBC176 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN55LBC176
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LBC176 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN55LBC176_16 Datasheet HTML 5Page - Texas Instruments SN55LBC176_16 Datasheet HTML 6Page - Texas Instruments SN55LBC176_16 Datasheet HTML 7Page - Texas Instruments SN55LBC176_16 Datasheet HTML 8Page - Texas Instruments SN55LBC176_16 Datasheet HTML 9Page - Texas Instruments SN55LBC176_16 Datasheet HTML 10Page - Texas Instruments SN55LBC176_16 Datasheet HTML 11Page - Texas Instruments SN55LBC176_16 Datasheet HTML 12Page - Texas Instruments SN55LBC176_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SN55LBC176, SN65LBC176, SN65LBC176Q, SN75LBC176
DIFFERENTIAL BUS TRANSCEIVERS
SLLS067H − AUGUST 1990 − REVISED DECEMBER 2010
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
−IOH
+IOL
VOL
VID
VOH
Figure 6. Receiver VOH and VOL
51 Ω
CL = 15 pF
(see Note B)
Output
1.5 V
0 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
1.5 V
3 V
0 V
Input
Output
1.3 V
VOH
VOL
tPHL
tPLH
Generator
(see Note A)
1.5 V
1.3 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR ≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
B. CL includes probe and jig capacitance.
Figure 7. Receiver Test Circuit and Voltage Waveforms
THERMAL CHARACTERISTICS − D PACKAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Junction to ambient thermal reisistance θ
Low-K board, no air flow
199.4
Junction−to−ambient thermal reisistance, θJA†
High-K board, no air flow
119
°C/W
Junction−to−board thermal reisistance, θJB
High-K board, no air flow
67
°C/W
Junction−to−case thermal reisistance, θJC
46.6
Average power dissipation, P(AVG)
RL = 54 Ω, input to D is 10 Mbps 50% duty
cycle square wave, VCC = 5.25 V,
TJ = 130 °C.
330
mW
Thermal shutdown junction temperature, TSD
165
°C
See TI application note literature number SZZA003, Package Thermal Characterization Methodologies, for an explanation of this parameter.


Similar Part No. - SN55LBC176_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC176D TI-SN55LBC176D Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176FK TI-SN55LBC176FK Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176JG TI-SN55LBC176JG Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176P TI-SN55LBC176P Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN55LBC176_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com