Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABTH245DGVRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ABTH245DGVRE4
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH245DGVRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABTH245DGVRE4 Datasheet HTML 1Page - Texas Instruments SN74ABTH245DGVRE4 Datasheet HTML 2Page - Texas Instruments SN74ABTH245DGVRE4 Datasheet HTML 3Page - Texas Instruments SN74ABTH245DGVRE4 Datasheet HTML 4Page - Texas Instruments SN74ABTH245DGVRE4 Datasheet HTML 5Page - Texas Instruments SN74ABTH245DGVRE4 Datasheet HTML 6Page - Texas Instruments SN74ABTH245DGVRE4 Datasheet HTML 7Page - Texas Instruments SN74ABTH245DGVRE4 Datasheet HTML 8Page - Texas Instruments SN74ABTH245DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN54ABTH245, SN74ABTH245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS663D – APRIL 1996 – REVISED SEPTEMBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABTH245
SN74ABTH245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
Control
inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
I
A or B ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
±100
±20
µ
II(h ld)
VCC =4 5V
VI = 0.8 V
100
100
100
µA
II(hold)
VCC = 4.5 V
VI = 2 V
–100
–100
–100
µA
IOZPU
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50**
±50**
±50
µA
IOZPD
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50**
±50**
±50
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO‡
VCC = 5.5 V,
VO = 2.5 V
–50
–140
–180
–50
–180
–50
–180
mA
VCC = 5.5 V,
Outputs high
5
250
250
250
µA
ICC
A or B ports
VCC = 5.5 V,
IO = 0,
Outputs low
22
30
30
30
mA
VI = VCC or GND
Outputs disabled
1
250
250
250
µA
§
Data inp ts
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
1.5
1.5
1.5
mA
∆ICC§
Data inputs
,
Other inputs at
VCC or GND
Outputs disabled
1.5
1.5
1.5
mA
Control
inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
Control
inputs
VI = 2.5 V or 0.5 V
4
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
8
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Similar Part No. - SN74ABTH245DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH245DGV TI-SN74ABTH245DGV Datasheet
95Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABTH245DGVRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com