Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABTH162245DGGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABTH162245DGGR
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH162245DGGR Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABTH162245DGGR Datasheet HTML 1Page - Texas Instruments SN74ABTH162245DGGR Datasheet HTML 2Page - Texas Instruments SN74ABTH162245DGGR Datasheet HTML 3Page - Texas Instruments SN74ABTH162245DGGR Datasheet HTML 4Page - Texas Instruments SN74ABTH162245DGGR Datasheet HTML 5Page - Texas Instruments SN74ABTH162245DGGR Datasheet HTML 6Page - Texas Instruments SN74ABTH162245DGGR Datasheet HTML 7Page - Texas Instruments SN74ABTH162245DGGR Datasheet HTML 8Page - Texas Instruments SN74ABTH162245DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN54ABTH162245, SN74ABTH162245
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS712A – FEBRUARY 1998 – REVISED APRIL 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ABTH162245
SN74ABTH162245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 5 V,
IOH = –1 mA
2.5
2.5
A port
IOH = –1 mA
3
3
A port
VCC = 4.5 V
IOH = –3 mA
3
3.1
VOH
IOH = –12 mA
2.6
V
VOH
VCC = 5 V,
IOH = –3 mA
3
3
V
B port
IOH = –3 mA
2.5
2.5
B port
VCC = 4.5 V
IOH = –24 mA
2
IOH = –32 mA
2
A port
IOL = 12 mA
0.8
0.8
VOL
B port
VCC = 4.5 V
IOL = 48 mA
0.45
0.45
V
B port
IOL = 64 mA
0.55
Vhys
100
100
mV
II
Control
inputs
VCC = 5.5 V, VI = VCC or GND
±1
±1
µA
I
A or B ports
CC
,
ICC
±20
±20
µ
II(h ld)
VCC =4 5V
VI = 0.8 V
100
100
µA
II(hold)
VCC = 4.5 V
VI = 2 V
–100
–100
µA
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IO‡
A port
VCC =5 5V
VO =2 5V
–25
–90
–25
–100
mA
IO‡
B port
VCC = 5.5 V,
VO = 2.5 V
–50
–180
–50
–180
mA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
µA
VCC = 5.5 V,
Outputs high
2
2
ICC
A or B ports
VCC = 5.5 V,
IO = 0,
Outputs low
32
32
mA
VI = VCC or GND
Outputs disabled
2
2
∆ICC§
Data inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2
2
mA
∆ICC§
Control
inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
Ci
VI = 2.5 V or 0.5 V
3
3
pF
Cio
VO = 2.5 V or 0.5 V
6
6
pF
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74ABTH162245DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH162245DGG TI-SN74ABTH162245DGG Datasheet
118Kb / 8P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABTH162245DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com