Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD34-EP Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65HVD34-EP
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD34-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD34-EP Datasheet HTML 6Page - Texas Instruments SN65HVD34-EP Datasheet HTML 7Page - Texas Instruments SN65HVD34-EP Datasheet HTML 8Page - Texas Instruments SN65HVD34-EP Datasheet HTML 9Page - Texas Instruments SN65HVD34-EP Datasheet HTML 10Page - Texas Instruments SN65HVD34-EP Datasheet HTML 11Page - Texas Instruments SN65HVD34-EP Datasheet HTML 12Page - Texas Instruments SN65HVD34-EP Datasheet HTML 13Page - Texas Instruments SN65HVD34-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
7.8 Switching Characteristics: Receiver
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
'HVD30, 'HVD33
26
60
Propagation delay time,
tPLH
ns
'HVD31, 'HVD32, 'HVD34,
47
70
low- to high-level output
'HVD35
'HVD30, 'HVD33
29
60
Propagation delay time,
tPLH
ns
'HVD31, 'HVD32, 'HVD34,
49
70
high- to low-level output
'HVD35
VID = –1.5 V to 1.5 V,
'HVD30, 'HVD33
CL = 15 pF, See Figure 18
12
tsk(p)
Pulse skew (|tPHL – tPLH|)
ns
'HVD31, 'HVD34, 'HVD32,
10
'HVD35
'HVD30
10
tr
Output signal rise time
ns
'HVD33
18
tf
Output signal fall time
12.5
ns
tPHZ
Output disable time from high level
20
ns
DE at 3 V
tPZH1
Output enable time to high level
20
ns
CL = 15 pF,
Propagation delay time,
'HVD30
4000
See Figure 19
tPZH2
standby to high-level
DE at 0 V
ns
'HVD33
5000
output
tPLZ
Output disable time from low level
20
ns
DE at 3 V
tPZL1
Output enable time to low level
20
ns
CL = 15 pF,
Propagation delay time,
'HVD30
DE at 0 V
4000
ns
See Figure 20
tPZL2
standby to low-level
'HVD33
5000
ns
output
7.9 Receiver Equalization Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
DEVICE
MIN
TYP(1)
MAX
UNIT
100 m
'HVD33(2)
PREVIEW
25 Mbps
150 m
'HVD33(2)
PREVIEW
200 m
'HVD33(2)
PREVIEW
200 m
'HVD33(2)
PREVIEW
Pseudo-random NRZ code
10 Mbps
250 m
'HVD33(2)
PREVIEW
Peak-to-peak
tj(pp)
with a bit pattern length of
ns
eye-pattern jitter
300 m
'HVD33(2)
PREVIEW
216 – 1, Belden 3105A cable
5 Mbps
500 m
'HVD34(2)
PREVIEW
'HVD33(2)
PREVIEW
3 Mbps
500 m
'HVD34(2)
PREVIEW
1 Mbps
1000 m
'HVD34(2)
PREVIEW
(1)
All typical values are at VCC = 5 V and temperature = 25°C.
(2)
The SN65HVD33-EP and the SN65HVD34-EP do not have receiver equalization, but are specified for comparison.
7.10 Dissipation Ratings
PARAM
DEVICE
TEST CONDITIONS
MIN
MAX UNIT
ETER
'HVD30 (25 Mbps)
197
RL = 60 Ω, CL = 50 pF,
'HVD31 (5 Mbps)
213
mW
Input to D a 50% duty cycle square wave at indicated signaling rate, TA = 85°C
'HVD32 (1 Mbps)
193
PD
'HVD33 (25 Mbps)
197
RL = 60 Ω, CL = 50 pF, DE at VCC, RE at 0 V,
'HVD34 (5 Mbps)
193
mW
Input to D a 50% duty cycle square wave at indicated signaling rate, TA = 85°C
'HVD35 (1 Mbps)
248
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP


Similar Part No. - SN65HVD34-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD34 TI-SN65HVD34 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI-SN65HVD34 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI-SN65HVD34 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI1-SN65HVD34 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD34D TI-SN65HVD34D Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD34-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com