Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVDA542-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA542-Q1
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA542-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVDA542-Q1 Datasheet HTML 1Page - Texas Instruments SN65HVDA542-Q1 Datasheet HTML 2Page - Texas Instruments SN65HVDA542-Q1 Datasheet HTML 3Page - Texas Instruments SN65HVDA542-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVDA542-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVDA542-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVDA542-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVDA542-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVDA542-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SN65HVDA540-Q1, SN65HVDA541-Q1, SN65HVDA542-Q1
SN65HVDA540-5-Q1, SN65HVDA541-5-Q1, SN65HVDA542-5-Q1
www.ti.com
SLLS804C – MARCH 2009 – REVISED JANUARY 2013
5-V CAN TRANSCEIVER
WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Check for Samples: SN65HVDA540-Q1, SN65HVDA541-Q1, SN65HVDA542-Q1, SN65HVDA540-5-Q1, SN65HVDA541-5-
Q1, SN65HVDA542-5-Q1
1
FEATURES
DESCRIPTION
Qualified for Automotive Applications
The device is designed and qualified for use in
Meets or Exceeds the Requirements of
automotive applications and meets or exceeds the
ISO 11898-2 and ISO 11898-5
specifications of the ISO 11898 High Speed CAN
GIFT/ICT Compliant
(Controller Area Network) Physical Layer standard
(transceiver).
ESD Protection up to ±12 kV (Human-Body
Model) on Bus Pins
FUNCTIONAL BLOCK DIAGRAM
I/O Voltage Level Adapting
SN65HVDA54x: Adaptable I/O Voltage
Range (VIO) From 3 V to 5.33 V
SN65HVDA54x-5: 5 V VCC Device Version
Operating Modes:
Normal Mode: All Devices
Low Power Standby Mode (VCC not
required, only VIO Supply Needed Saving
System Power)
SN65HVDA540: No Wake Up
SN65HVDA541: RXD Wake Up Request
Silent (Receive Only) Mode: SN65HVDA542
High Electromagnetic Compliance (EMC)
Protection
Undervoltage Protection on VIO and VCC
Bus-Fault Protection of –27 V to 40 V
TXD Dominant State Time Out
RXD Wake Up Request Lock Out on CAN
Bus Stuck Dominant Fault (SN65HVDA541)
Thermal Shutdown Protection
Power-Up/Down Glitch-Free Bus I/O
High Bus Input Impedance When
Unpowered (No Bus Load)
APPLICATIONS
SAE J2284 High-Speed CAN for Automotive
Applications
SAE J1939 Standard Data Bus Interface
GMW3122 Dual-Wire CAN Physical Layer
A.
SN65HVDA54x
devices
pin
5
is
VIO.
SN65HVDA54x-5 devices pin 5 is NC and
ISO 11783 Standard Data Bus Interface
VIO is internally connected to VCC.
NMEA 2000 Standard Data Bus Interface
B.
SN65HVDA54x-5 devices: VIO is internally
connected to VCC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVDA542-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540QDR TI1-SN65HVDA540QDR Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA541 TI1-SN65HVDA541 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA541QDR TI1-SN65HVDA541QDR Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results

Similar Description - SN65HVDA542-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com