Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD4004-08MEI Datasheet(PDF) 2 Page - Winbond

Part # ISD4004-08MEI
Description  Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD4004-08MEI Datasheet(HTML) 2 Page - Winbond

  ISD4004-08MEI Datasheet HTML 1Page - Winbond ISD4004-08MEI Datasheet HTML 2Page - Winbond ISD4004-08MEI Datasheet HTML 3Page - Winbond ISD4004-08MEI Datasheet HTML 4Page - Winbond ISD4004-08MEI Datasheet HTML 5Page - Winbond ISD4004-08MEI Datasheet HTML 6Page - Winbond ISD4004-08MEI Datasheet HTML 7Page - Winbond ISD4004-08MEI Datasheet HTML 8Page - Winbond ISD4004-08MEI Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ISD4004 Series
ii
Voice Solutions in Silicon
Table: ISD4004 Series Summary
Part
Number
Duration
(minutes)
Input Sample
Rate (KHz)
Typical Filter Pass
Band (KHz)
ISD4004-08M
8.0
8.0
3.4
ISD4004-10M
10.0
6.4
2.7
ISD4004-12M
12.0
5.3
2.3
ISD4004-16M
16.0
4.0
1.7
FEATURES
Single-chip voice record/playback solution
Single +3 volt supply
Low-power consumption
– Operating current:
I
CC
Play = 15 mA (typical)
I
CC
Rec = 25 mA (typical)
– Standby current: 1 µA (typical)
Single-chip durations of 8, 10, 12, and
16 minutes
High-quality, natural voice/audio reproduction
AutoMute feature provides background noise
attenuation during periods of silence
No algorithm development required
Microcontroller SPI or Microwire™ Serial
Interface
Fully addressable to handle multiple
messages
Nonvolatile message storage
Power consumption controlled by SPI
or Microwire control register
100-year message retention (typical)
100K record cycles (typical)
On-chip clock source
Available in die form, PDIP, SOIC, and TSOP
Extended temperature (–20°C to +70°C) and
industrial temperature (–40°C to +85°C)
versions available


Similar Part No. - ISD4004-08MEI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4004-08M ETC1-ISD4004-08M Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4004-08MPY NUVOTON-ISD4004-08MPY Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD4004-08MSY NUVOTON-ISD4004-08MSY Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD4004-08MSYI NUVOTON-ISD4004-08MSYI Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD4004-08MX NUVOTON-ISD4004-08MX Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
More results

Similar Description - ISD4004-08MEI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com