Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVS881 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS881
Description  INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVS881 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVS881 Datasheet HTML 7Page - Texas Instruments SN65HVS881 Datasheet HTML 8Page - Texas Instruments SN65HVS881 Datasheet HTML 9Page - Texas Instruments SN65HVS881 Datasheet HTML 10Page - Texas Instruments SN65HVS881 Datasheet HTML 11Page - Texas Instruments SN65HVS881 Datasheet HTML 12Page - Texas Instruments SN65HVS881 Datasheet HTML 13Page - Texas Instruments SN65HVS881 Datasheet HTML 14Page - Texas Instruments SN65HVS881 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
REF
RLIM
IPx
REx
FGND
5 V
Shift Register
CP
D
Q
S
R
CP
D
Q
S
R
CP
D
Q
S
R
CP
D
Q
S
R
CP
D
Q
S
R
CP
D
Q
S
R
CP
D
Q
S
R
SOP
SIP
CLK
CE
LD
UVO
HOT
PIP 0
PIP 1
PIP 6
PIP 7
PAR
Logic
SN65HVS881
www.ti.com................................................................................................................................................................................................... SLAS642 – MARCH 2009
Figure 14. Equivalent Input Diagram
The conversion from parallel input- to serial output data is performed by an eight channel parallel-in serial-out
shift register. Parallel-in access is provided by the internal inputs, PIP0–PIP7 that are enabled by a low level at
the load input (LD). When clocked, the latched input data shift towards the serial output (SOP). The shift register
also provides a clock-enable function.
Clocking is accomplished by a low-to-high transition of the clock (CLK) input while LD is held high and the clock
enable (CE) input is held low. Parallel loading is inhibited when /LD is held high. The parallel inputs to the
register are enabled while LD is low independently of the levels of the CLK, CE, or serial (SIP) inputs.
Figure 15. Shift Register Logic Structure
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65HVS881


Similar Part No. - SN65HVS881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
More results

Similar Description - SN65HVS881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX22190 MAXIM-MAX22190 Datasheet
972Kb / 40P
   Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX22192 MAXIM-MAX22192_V01 Datasheet
1Mb / 50P
   Octal Industrial Digital Input with Diagnostics and Digital Isolation
19-100406; Rev 3; 9/20
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com