Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD33MDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD33MDREP
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD33MDREP Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD33MDREP Datasheet HTML 1Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 2Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 3Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 4Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 5Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 6Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 7Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 8Page - Texas Instruments SN65HVD33MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 17
9.1
Overview ................................................................. 17
2
Applications ........................................................... 1
9.2
Functional Block Diagram ....................................... 17
3
Description ............................................................. 1
9.3
Feature Description................................................. 17
4
Revision History..................................................... 2
9.4
Device Functional Modes........................................ 21
5
Device Comparison ............................................... 3
10
Application and Implementation........................ 23
6
Pin Configuration and Functions ......................... 4
10.1
Application Information.......................................... 23
7
Specifications......................................................... 5
10.2
Typical Application ............................................... 23
7.1
Absolute Maximum Ratings ..................................... 5
11
Power Supply Recommendations ..................... 27
7.2
ESD Ratings.............................................................. 5
12
Layout................................................................... 27
7.3
Recommended Operating Conditions ....................... 6
12.1
Layout Guidelines ................................................. 27
7.4
Thermal Information .................................................. 6
12.2
Layout Example .................................................... 27
7.5
Electrical Characteristics: Driver ............................... 7
13
Device and Documentation Support ................. 28
7.6
Electrical Characteristics: Receiver .......................... 8
13.1
Related Links ........................................................ 28
7.7
Switching Characteristics: Driver .............................. 9
13.2
Community Resources.......................................... 28
7.8
Switching Characteristics: Receiver........................ 10
13.3
Trademarks ........................................................... 28
7.9
Receiver Equalization Characteristics .................... 10
13.4
Electrostatic Discharge Caution ............................ 28
7.10
Dissipation Ratings .............................................. 10
13.5
Glossary ................................................................ 28
7.11
Typical Characteristics .......................................... 11
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information ................ 13
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2012) to Revision E
Page
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP


Similar Part No. - SN65HVD33MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD33MDREP TI1-SN65HVD33MDREP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD33MDREPG4 TI1-SN65HVD33MDREPG4 Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD33MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com