Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD32DG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD32DG4
Description  SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD32DG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD32DG4 Datasheet HTML 1Page - Texas Instruments SN65HVD32DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD32DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD32DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD32DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD32DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD32DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD32DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD32DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
SN65HVD30, SN65HVD31, SN65HVD32
SN65HVD33, SN65HVD34, SN65HVD35
www.ti.com
SLLS665K – SEPTEMBER 2005 – REVISED OCTOBER 2015
Pin Functions
PIN
TYPE
DESCRIPTION
D
D
RHL
NAME
(8-Pins)
(14-Pins)
(20-Pins)
A
8
12
18
Bus input
Receiver input (complementary to B)
B
7
11
17
Bus input
Receiver input (complementary to A)
D
3
5
7
Digital input
Driver data input
DE
4
6
Digital input
Driver enable, active high
Reference
GND
4
6, 7
10, 11
Local device ground
potential
2, 5, 8,
NC
1, 8
9, 12,
No connect
No connect; must be left floating
13, 16, 19
R
2
2
3
Digital output
Receive data output
RE
3
4
Digital output
Receiver enable, active low
VCC
1
13, 14
1, 20
Supply
3-V to 3.6-V supply
Y
5
9
14
Bus output
Driver output (complementary to Z)
Z
6
10
15
Bus output
Driver output (complementary to Y)
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted
(1) (2)
MIN
MAX
UNIT
VCC
Supply voltage
–0.3
6
V
V(A), V(B),
Voltage at any bus terminal (A, B, Y, Z)
–9
14
V
V(Y), V(Z)
V(TRANS)
Voltage input, transient pulse through 100
Ω. See Figure 28 (A, B, Y, Z)(3)
–50
50
V
VI
Input voltage (D, DE, RE)
–0.5
7
V
IO
Output current (receiver output only, R)
11
mA
Tstg
Storage Temperature
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
This tests survivability only and the output state of the receiver is not specified.
7.2 ESD Ratings
VALUE
UNIT
Bus pins and GND
±16000
Human body model (HBM), per ANSI/ESDA/JEDEC
Electrostatic
JS-001(1)
V(ESD)
All pins
±4000
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65HVD30 SN65HVD31 SN65HVD32 SN65HVD33 SN65HVD34 SN65HVD35


Similar Part No. - SN65HVD32DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD32DG4 TI-SN65HVD32DG4 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD32DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com