Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3071E Datasheet(PDF) 11 Page - Texas Instruments

Part # MAX3071E
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3071E Datasheet(HTML) 11 Page - Texas Instruments

Back Button MAX3071E Datasheet HTML 7Page - Texas Instruments MAX3071E Datasheet HTML 8Page - Texas Instruments MAX3071E Datasheet HTML 9Page - Texas Instruments MAX3071E Datasheet HTML 10Page - Texas Instruments MAX3071E Datasheet HTML 11Page - Texas Instruments MAX3071E Datasheet HTML 12Page - Texas Instruments MAX3071E Datasheet HTML 13Page - Texas Instruments MAX3071E Datasheet HTML 14Page - Texas Instruments MAX3071E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
-60
-40
-20
20
40
0
60
-7
-4
-1
2
5
8
11
14
V -BusInputVoltage-V
I
T
=25°C
=0V
DE=0V
A
RE
V
=3.3V
CC
–0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
0.5
1
1.5
2
2.5
3
3.5
V
-Low-LevelOutputVoltage-V
OL
V
=3.3V
DE=V
D=0V
CC
CC
–200
–150
–100
–50
50
0
100
150
200
250
–7
–4
–1
2
5
8
11
14
V -BusInputVoltage-V
I
T
=25°C
=0V
DE=0V
A
RE
V
=3.3V
CC
30
35
40
45
50
55
60
0
0.2
0.4
0.6
0.8
1
SignalingRate-Mbps
T =25°CR =54
=V
C =50pF
DE=V
A
L
CC
L
CC
W
RE
V
=3.3V
CC
30
35
40
45
50
55
0
5
10
15
20
25
SignalingRate-Mbps
T =25°CR =54
=V
C =50pF
DE=V
A
L
CC
L
CC
W
RE
V
=3.3V
CC
30
35
40
45
50
55
60
0
1
2
3
4
5
SignalingRate-Mbps
T =25°CR =54
=V
C =50pF
DE=V
A
L
CC
L
CC
W
RE
V
=3.3V
CC
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
www.ti.com
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
7.11 Typical Characteristics
Figure 1. 'HVD30, 'HVD33 RMS Supply Current Signaling
Figure 2. 'HVD31, 'HVD34 RMS Supply Current Signaling
Rate
Rate
Figure 3. 'HVD32, 'HVD35 RMS Supply Current Signaling
Figure 4. Bus Input Current vs Input Voltage
Rate
Figure 6. Driver Low-Level Output Current vs Low-Level
Figure 5. 'HVD31, 'HVD32, 'HVD34, 'HVD35 Bus Input
Output Voltage
Current vs Input Voltage
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP


Similar Part No. - MAX3071E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3071EAPA MAXIM-MAX3071EAPA Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3071EAPA MAXIM-MAX3071EAPA Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3071EAPA MAXIM-MAX3071EAPA Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3071EASA MAXIM-MAX3071EASA Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3071EASA MAXIM-MAX3071EASA Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results

Similar Description - MAX3071E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com