Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD33DRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD33DRG4
Description  SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD33DRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD33DRG4 Datasheet HTML 1Page - Texas Instruments SN65HVD33DRG4 Datasheet HTML 2Page - Texas Instruments SN65HVD33DRG4 Datasheet HTML 3Page - Texas Instruments SN65HVD33DRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD33DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD33DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD33DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD33DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD33DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
SN65HVD30, SN65HVD31, SN65HVD32
SN65HVD33, SN65HVD34, SN65HVD35
www.ti.com
SLLS665K – SEPTEMBER 2005 – REVISED OCTOBER 2015
5 Device Comparison
Table 1. Device Features
BASE
SIGNALING RATE
UNIT LOADS
ENABLES
PART NUMBER
SN65HVD30
26 Mbps
1/2
No
SN65HVD31
5 Mbps
1/8
No
SN65HVD32
1 Mbps
1/8
No
SN65HVD33
26 Mbps
1/2
Yes
SN65HVD34
5 Mbps
1/8
Yes
SN65HVD35
1 Mbps
1/8
Yes
Table 2. Improved Replacement for Devices
PART NUMBER
REPLACE WITH
BENEFITS
MAX3491
SN65HVD33
Better ESD protection (15 kV versus 2 kV, or not specified) Higher Signaling Rate
MAX3490
SN65HVD30
(26 Mbps versus 10 Mbps) Fractional Unit Load (64 Nodes versus 32)
MAX3491E
SN65HVD33
Higher Signaling Rate (26 Mbps versus 12 Mbps) Fractional Unit Load (64 Nodes versus 32)
MAX3490E
SN65HVD30
MAX3076E
SN65HVD33
Higher Signaling Rate (26 Mbps versus 16 Mbps) Lower Standby Current (1
μA versus 10 μA)
MAX3077E
SN65HVD30
MAX3073E
SN65HVD34
Higher Signaling Rate (5 Mbps versus 500 kbps) Lower Standby Current (1
μA versus 10 μA)
MAX3074E
SN65HVD31
MAX3070E
SN65HVD35
Higher Signaling Rate (1 Mbps versus 250 kbps) Lower Standby Current (1
μA versus 10 μA)
MAX3071E
SN65HVD32
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD30 SN65HVD31 SN65HVD32 SN65HVD33 SN65HVD34 SN65HVD35


Similar Part No. - SN65HVD33DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD33DRG4 TI-SN65HVD33DRG4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD33DRG4 TI-SN65HVD33DRG4 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD33DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com