Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYH40N65C3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYH40N65C3
Description  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH40N65C3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYH40N65C3 Datasheet HTML 1Page - IXYS Corporation IXYH40N65C3 Datasheet HTML 2Page - IXYS Corporation IXYH40N65C3 Datasheet HTML 3Page - IXYS Corporation IXYH40N65C3 Datasheet HTML 4Page - IXYS Corporation IXYH40N65C3 Datasheet HTML 5Page - IXYS Corporation IXYH40N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYH40N65C3
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
15
20
25
30
35
40
45
50
55
RG (Ω)
0
1
2
3
4
5
6
7
8
9
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
10
20
30
40
50
60
70
80
90
10
15
20
25
30
35
40
45
50
55
RG (Ω)
80
120
160
200
240
280
320
360
400
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 60A
I C = 30A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.4
0.8
1.2
1.6
2.0
15
20
25
30
35
40
45
50
55
60
IC (A)
0
1
2
3
4
5
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
50
75
100
125
150
TJ (ºC)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
IC = 30A
I C = 60A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
0
10
20
30
40
50
60
70
80
15
20
25
30
35
40
45
50
55
60
IC (A)
40
60
80
100
120
140
160
180
200
t f i
td(off) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
10
20
30
40
50
60
70
80
25
50
75
100
125
150
TJ (ºC)
80
90
100
110
120
130
140
150
t f i
td(off) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
I C = 30A, 60A


Similar Part No. - IXYH40N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH40N65C3D1 IXYS-IXYH40N65C3D1 Datasheet
196Kb / 7P
   Advance Technical Information
IXYH40N65C3D1 IXYS-IXYH40N65C3D1 Datasheet
196Kb / 7P
   Advance Technical Information
IXYH40N65C3H1 IXYS-IXYH40N65C3H1 Datasheet
182Kb / 7P
   Optimized for 20-60kHz Switching
More results

Similar Description - IXYH40N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com