Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD35DG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD35DG4
Description  SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD35DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD35DG4 Datasheet HTML 1Page - Texas Instruments SN65HVD35DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD35DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD35DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD35DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD35DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD35DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD35DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD35DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
RT
RT
R
D
R
DE
RE
D
Y
Z
R
D
R
RE
DE
D
A
B
RT
RT
B
A
Z
Y
R
D
R RE DE D
Z
Y
B
A
Master
Slave
Slave
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65HVD30, SN65HVD31, SN65HVD32
SN65HVD33, SN65HVD34, SN65HVD35
SLLS665K – SEPTEMBER 2005 – REVISED OCTOBER 2015
SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
1 Features
3 Description
The SN65HVD3x devices are 3-state differential line
1
1/8 Unit-Load Option Available
drivers
and
differential-input
line
receivers
that
(Up to 256 Nodes on the Bus)
operate with 3.3-V power supply.
Bus-Pin ESD Protection Exceeds 15-kV HBM
Each driver and receiver has separate input and
Optional Driver Output Transition Times for
output
pins
for
full-duplex
bus
communication
Signaling Rates of 1 Mbps, 5 Mbps and 26 Mbps
designs. They are designed for RS-422 and RS-485
Line Signaling Rate is the Number of Voltage
data transmission over cable lengths of up to
Transitions Made per Second Expressed in
1500 meters.
Units of bps (bits per second)
The SN65HVD30, SN65HVD31, and SN65HVD32
Low-Current Standby Mode: <1
μA
devices are fully enabled with no external enabling
pins.
Glitch-Free Power-Up and Power-Down Protection
for Hot-Plugging Applications
The SN65HVD33, SN65HVD34, and SN65HVD35
5-V Tolerant Inputs
devices have active-high driver enables and active-
low receiver enables. A low, less than 1
μA, standby
Bus Idle, Open, and Short-Circuit Failsafe
current can be achieved by disabling both the driver
Driver Current Limiting and Thermal Shutdown
and receiver.
Designed for RS-422 and RS-485 Networks
All
devices
are
characterized
for
ambient
5-V Devices Available, SN65HVD50-55
temperatures from –40°C to 85°C. Low power
dissipation allows operation at temperatures up to
2 Applications
105°C or 125°C, depending on package option.
Utility Meters
Device Information(1)
DTE and DCE Interfaces
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Industrial, Process, and Building Automation
SN65HVD30
Point-of-Sale (POS) Pins and Networks
SN65HVD31
SOIC (8)
4.90 mm × 3.91 mm
SN65HVD32
SOIC (14)
8.65 mm × 3.91 mm
SN65HVD33
VQFN (20)
4.50 mm × 3.50 mm
SN65HVD34
SOIC (14)
8.65 mm × 3.91 mm
SN65HVD35
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - SN65HVD35DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD35DG4 TI-SN65HVD35DG4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD35DG4 TI-SN65HVD35DG4 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD35DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com