Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYH50N65C3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXYH50N65C3
Description  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH50N65C3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXYH50N65C3 Datasheet HTML 1Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 2Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 3Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 4Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 5Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYA50N65C3 IXYP50N65C3
IXYH50N65C3
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 12. Maximum Transient Thermal Impedance
aa ss s
0.4
Fig. 7. Transconductance
0
5
10
15
20
25
30
35
40
45
0
10
203040
50
607080
90
100
IC (A)
TJ = - 40ºC
25ºC
150ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
20
40
60
80
100
100
200
300
400
500
600
700
VCE (V)
TJ = 150ºC
RG = 5Ω
dv / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
10
20
30405060
70
80
90
QG (nC)
VCE = 325V
IC = 36A
IG = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE (V)
f = 1 MHz
Cies
Coes
Cres
Fig. 11. Forward-Bias Safe Operating Area
0.1
1
10
100
1000
1
10
100
1000
VDS (V)
TJ = 175ºC
TC = 25ºC
Single Pulse
25µs
1ms
10ms
VCE(sat) Limit
100µs
DC


Similar Part No. - IXYH50N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH50N65C3 IXYS-IXYH50N65C3 Datasheet
269Kb / 6P
   Preliminary Technical Information
IXYH50N65C3 IXYS-IXYH50N65C3 Datasheet
269Kb / 6P
   Preliminary Technical Information
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results

Similar Description - IXYH50N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com