Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYT80N90C3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXYT80N90C3
Description  XPTTM 900V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYT80N90C3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXYT80N90C3 Datasheet HTML 1Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 2Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 3Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 4Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 5Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYT80N90C3
IXYH80N90C3
Fig. 7. Transconductance
0
10
20
30
40
50
60
70
80
0
20
40
60
80
100
120
140
160
180
200
220
IC - Amperes
TJ = - 40ºC
25ºC
150ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
20
40
60
80
100
120
140
160
180
100
200
300
400
500
600
700
800
900
VCE - Volts
TJ = 150ºC
RG = 2
dv / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
QG - NanoCoulombs
VCE = 450V
IC = 80A
IG = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres
Fig. 12. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 11. Forward-Bias Safe Operating Area
0.1
1
10
100
1000
1
10
100
1000
VDS - Volts
TJ = 175ºC
TC = 25ºC
Single Pulse
25µs
1ms
10ms
VCE(sat) Limit
DC
100µs


Similar Part No. - IXYT80N90C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
More results

Similar Description - IXYT80N90C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
IXYY8N90C3 IXYS-IXYY8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXYA8N90C3D1 IXYS-IXYA8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
IXYP8N90C3 IXYS-IXYP8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com