Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYK200N65B3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXYK200N65B3
Description  Advance Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYK200N65B3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXYK200N65B3 Datasheet HTML 1Page - IXYS Corporation IXYK200N65B3 Datasheet HTML 2Page - IXYS Corporation IXYK200N65B3 Datasheet HTML 3Page - IXYS Corporation IXYK200N65B3 Datasheet HTML 4Page - IXYS Corporation IXYK200N65B3 Datasheet HTML 5Page - IXYS Corporation IXYK200N65B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYK200N65B3
IXYX200N65B3
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
7
8
9
10
1112
131415
VGE - Volts
I C = 300A
TJ = 25ºC
200A
100A
Fig. 6. Input Admittance
0
50
100
150
200
250
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
VGE - Volts
TJ = 150ºC
25ºC
- 40ºC
Fig. 1. Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
00.511.5
2
2.5
3
VCE - Volts
VGE = 15V
12V
11V
10V
9V
7V
8V
6V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
350
01
234
56
78
9
10
VCE - Volts
VGE = 15V
11V
9V
10V
7V
8V
6V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
50
100
150
200
250
300
00.5
1
1.5
22.5
3
3.5
4
VCE - Volts
VGE = 15V
13V
11V
10V
6V
8V
9V
7V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 200A
I C = 100A
I C = 300A


Similar Part No. - IXYK200N65B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYK200N65B3 IXYS-IXYK200N65B3 Datasheet
215Kb / 6P
   Advance Technical Information
More results

Similar Description - IXYK200N65B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com