Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYN100N120B3H1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXYN100N120B3H1
Description  Preliminary Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN100N120B3H1 Datasheet(HTML) 3 Page - IXYS Corporation

  IXYN100N120B3H1 Datasheet HTML 1Page - IXYS Corporation IXYN100N120B3H1 Datasheet HTML 2Page - IXYS Corporation IXYN100N120B3H1 Datasheet HTML 3Page - IXYS Corporation IXYN100N120B3H1 Datasheet HTML 4Page - IXYS Corporation IXYN100N120B3H1 Datasheet HTML 5Page - IXYS Corporation IXYN100N120B3H1 Datasheet HTML 6Page - IXYS Corporation IXYN100N120B3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYN100N120B3H1
Fig. 1. Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
120
140
160
180
200
00.511.522.533.544.5
VCE - Volts
VGE = 15V
13V
12V
11V
7V
9V
6V
8V
10V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
0
2
4
6
8
10
12
14
16
18
20
VCE - Volts
VGE = 15V
13V
12V
10V
8V
11V
9V
7V
6V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
20
40
60
80
100
120
140
160
180
200
0
1
2345
VCE - Volts
8V
7V
6V
9V
VGE = 15V
13V
12V
11V
10V
5V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 100A
I C = 50A
I C = 200A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1
2
3
4
5
6
7
7
8
9
10
1112
1314
15
VGE - Volts
I C = 200A
TJ = 25ºC
100A
50A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
3.54.5
5.5
6.5
7.58.5
9.5
VGE - Volts
TJ = 150ºC
25ºC
- 40ºC


Similar Part No. - IXYN100N120B3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYN100N120C3 IXYS-IXYN100N120C3 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
logo
Inchange Semiconductor ...
IXYN100N120C3H1 ISC-IXYN100N120C3H1 Datasheet
562Kb / 4P
   High-Speed IGBT
More results

Similar Description - IXYN100N120B3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com