Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F5608D0C Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9F5608D0C
Description  32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608D0C Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9F5608D0C Datasheet HTML 6Page - Samsung semiconductor K9F5608D0C Datasheet HTML 7Page - Samsung semiconductor K9F5608D0C Datasheet HTML 8Page - Samsung semiconductor K9F5608D0C Datasheet HTML 9Page - Samsung semiconductor K9F5608D0C Datasheet HTML 10Page - Samsung semiconductor K9F5608D0C Datasheet HTML 11Page - Samsung semiconductor K9F5608D0C Datasheet HTML 12Page - Samsung semiconductor K9F5608D0C Datasheet HTML 13Page - Samsung semiconductor K9F5608D0C Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
FLASH MEMORY
10
K9F5608D0C
K9F5608Q0C
K9F5608U0C
K9F5616D0C
K9F5616Q0C
K9F5616U0C
PRODUCT INTRODUCTION
The K9F56XXX0C is a 264Mbit(276,824,064 bit) memory organized as 65,536 rows(pages) by 528(X8 device) or 264(X16 device)
columns. Spare eight columns are located from column address of 512~527(X8 device) or 256~263(X16 device).
A 528-byte(X8
device) or 264-word(X16 device) data register is connected to memory cell arrays accommodating data transfer between the I/O buff-
ers and memory during page read and page program operations.The memory array is made up of 16 cells that are serially connected
to form a NAND structure. Each of the 16 cells resides in a different page. A block consists of two NAND structured strings. A NAND
structure consists of 16 cells. Total 135168 NAND cells reside in a block. The array organization is shown in Figure 2-1,2-2. The pro-
gram and read operations are executed on a page basis, while the erase operation is executed on a block basis. The memory array
consists of 2048 separately erasable 16K-Byte(X8 device) or 8K-Word(X16 device) blocks. It indicates that the bit by bit erase oper-
ation is prohibited on the K9F56XXX0C.
The K9F56XXX0C has addresses multiplexed into 8 I/Os(X16 device case : lower 8 I/Os). K9F5616X0C allows sixteen bit wide data
transport into and out of page registers. This scheme dramatically reduces pin counts while providing high performance and allows
systems upgrades to future densities by maintaining consistency in system board design. Command, address and data are all written
through I/O
′s by bringing WE to low while CE is low. Data is latched on the rising edge of WE. Command Latch Enable(CLE) and
Address Latch Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. Some commands require one
bus cycle. For example, Reset command, Read command, Status Read command, etc require just one cycle bus. Some other com-
mands like Page Program and Copy-back Program and Block Erase, require two cycles: one cycle for setup and the other cycle for
execution. The 32M-byte(X8 device) or 16M-word(X16 device) physical space requires 24 addresses(X8 device) or 23
addresses(X16 device), thereby requiring three cycles for word-level addressing: column address, low row address and high row
address, in that order. Page Read and Page Program need the same three address cycles following the required command input. In
Block Erase operation, however, only the two row address cycles are used. Device operations are selected by writing specific com-
mands into the command register. Table 1 defines the specific commands of the K9F56XXX0C.
The device includes one block sized OTP(One Time Programmable), which can be used to increase system security or to provide
identification capabilities. Detailed information can be obtained by contact with Samsung.
Table 1. COMMAND SETS
NOTE : 1. The 01h command is available only on X8 device(K9F5608X0C).
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.
Function
1st. Cycle
2nd. Cycle
Acceptable Command during Busy
Read 1
00h/01h(1)
-
Read 2
50h
-
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Copy-Back Program
00h
8Ah
Lock
2Ah
-
Unlock
23h
24h
Lock-tight
2Ch
-
Read Block Lock Status
7Ah
-
Block Erase
60h
D0h
Read Status
70h
-
O


Similar Part No. - K9F5608D0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608D0C SAMSUNG-K9F5608D0C Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608D0C-D SAMSUNG-K9F5608D0C-D Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608D0C-H SAMSUNG-K9F5608D0C-H Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608D0C-P SAMSUNG-K9F5608D0C-P Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608D0C-Y SAMSUNG-K9F5608D0C-Y Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5608D0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608X0D SAMSUNG-K9F5608X0D Datasheet
860Kb / 35P
   32M x 8 Bit NAND Flash Memory
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com