Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMD005A Datasheet(PDF) 1 Page - CTS Corporation

Part # UMD005A
Description  Universal-footprint Metro Cell Duplexers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

UMD005A Datasheet(HTML) 1 Page - CTS Corporation

  UMD005A Datasheet HTML 1Page - CTS Corporation UMD005A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTS Electronic Components introduces new high-reliability,
surface-mounted ceramic filters that deliver performance
comparable to Air-Cavity for next-generation size optimized
system requirements.
Delivers the isolation and rejection required for 4-10W at
Antenna metro cell basestations and remote radio head, as well
as medium-power DAS systems including applications needing
multi-band co-location, linearized PAs, carrier-aggregation, and
“whole-band”systems.
Product family offers versions for all of the major frequency
bands <1.0GHz while sharing a common PCB layout enabling a
platform solution. See the CMD product family for >1.7GHz.
UMD: Universal-footprint Metro Cell Duplexers
Highest Power and Performance in a Pair of Monoblock Bandpass Filters
Model
Freq
Band#
DL
Freq
Range
[MHz]
UL
Freq
Range
[MHz]
UMD005A
5
869 - 894
824 - 849
UMD008A
8
925 - 960
880 - 915
UMD012A
12
17
728- 746
698 - 716
UMD013A
13
746- 756
777 - 787
UMD014A
14
758- 768
788 - 798
UMD020A
20
791 - 821
832 - 862
UMD026A
5
26
859 - 894
814 - 849
UMD027A
27
851 - 869
806 - 824
UMD028A
28
758 - 803
703 - 748
Insertion Loss
(5MHz avg)
< 2.2 dB
Uplink
Atten
82 dB typ
80 dB min
Downlink
Atten
76 dB typ
74 dB min
Return
Loss
> 12.0 dB
Input Power
Rating
20.0W Avg
200W Peak
Size (L x W x H)
(incl shield)
62.0 x <18.0 x 16.0mm
(each BPF)
Max
Weight
<48 g (each BPF)
Temperature
Range
-40°C to +85°C


Similar Part No. - UMD005A

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
UMD10N JIANGSU-UMD10N Datasheet
2Mb / 6P
   Dual Digital Transistors
logo
Micro Commercial Compon...
UMD10N MCC-UMD10N Datasheet
336Kb / 3P
   Digital Transistors
logo
Rohm
UMD12N ROHM-UMD12N Datasheet
78Kb / 4P
   Power management (dual digital transistors)
UMD12N ROHM-UMD12N Datasheet
77Kb / 4P
   Power management (dual digital transistors)
logo
Jiangsu Changjiang Elec...
UMD12N JIANGSU-UMD12N Datasheet
2Mb / 6P
   Dual Digital Transistors
More results

Similar Description - UMD005A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
UPD001A CTS-UPD001A Datasheet
226Kb / 2P
   Universal-footprint Pico Cell Duplexers
USD001A CTS-USD001A Datasheet
263Kb / 2P
   Universal-footprint Small Cell Duplexers
logo
SparkFun Electronics
KIT-09236 SPARKFUN-KIT-09236 Datasheet
226Kb / 1P
   SparkFun Metro-Gnome
8/5/2016
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7103 AVAGO-ACFM-7103 Datasheet
1Mb / 20P
   Single Antenna connection for PCS and Cell band duplexers
logo
TOKO, Inc
6DPF TOKO-6DPF Datasheet
184Kb / 1P
   Antenna Duplexers
logo
List of Unclassifed Man...
BT-168 ETC1-BT-168 Datasheet
236Kb / 2P
   Universal Button Cell Battery Volt Tester Checker
logo
JDS Uniphase Corporatio...
LAP-MCH00XR00A JDSU-LAP-MCH00XR00A Datasheet
128Kb / 3P
   Metro-Access DWDM Erbium Doped Fiber Amplifer
logo
Panasonic Semiconductor
EFSD836MJ1 PANASONIC-EFSD836MJ1 Datasheet
72Kb / 3P
   SAW Devices(SAW Duplexers)
logo
Taiyo Yuden (U.S.A.), I...
D5DA793M0K2K2 TAIYO-YUDEN-D5DA793M0K2K2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G155K2T2 TAIYO-YUDEN-D6DA2G155K2T2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com