Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD004A Datasheet(PDF) 2 Page - CTS Corporation

Part # UPD004A
Description  Universal-footprint Pico Cell Duplexers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

UPD004A Datasheet(HTML) 2 Page - CTS Corporation

  UPD004A Datasheet HTML 1Page - CTS Corporation UPD004A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© CTS - April 2015 - All rights reserved
The CTS logo is a registered trademark of the CTS Corporation group of companies.
For more information on CTS products and solutions email RFFilters@ctscorp.com or visit www.ctscorp.com
Universal PCB Footprint for all UPD frequency versions:
(a smaller universal footprint can be supported for frequencies >1.7GHz)
UPD004A (measured)
UPD008A (simulated)
UPD012A (simulated)
UPD002A (simulated)


Similar Part No. - UPD004A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
   USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
   USB Power Delivery Controller
03/25/14
logo
NEC
UPD120N NEC-UPD120N Datasheet
157Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
UPD120N15T1B NEC-UPD120N15T1B Datasheet
157Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
logo
Renesas Technology Corp
UPD120N15T1B RENESAS-UPD120N15T1B Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
More results

Similar Description - UPD004A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
UMD005A CTS-UMD005A Datasheet
448Kb / 2P
   Universal-footprint Metro Cell Duplexers
USD001A CTS-USD001A Datasheet
263Kb / 2P
   Universal-footprint Small Cell Duplexers
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7103 AVAGO-ACFM-7103 Datasheet
1Mb / 20P
   Single Antenna connection for PCS and Cell band duplexers
logo
TOKO, Inc
6DPF TOKO-6DPF Datasheet
184Kb / 1P
   Antenna Duplexers
logo
List of Unclassifed Man...
BT-168 ETC1-BT-168 Datasheet
236Kb / 2P
   Universal Button Cell Battery Volt Tester Checker
logo
Panasonic Semiconductor
EFSD836MJ1 PANASONIC-EFSD836MJ1 Datasheet
72Kb / 3P
   SAW Devices(SAW Duplexers)
logo
Taiyo Yuden (U.S.A.), I...
D5DA793M0K2K2 TAIYO-YUDEN-D5DA793M0K2K2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G155K2T2 TAIYO-YUDEN-D6DA2G155K2T2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6HQ2G655DP03 TAIYO-YUDEN-D6HQ2G655DP03 Datasheet
248Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
D5DA876M5K2P6 TAIYO-YUDEN-D5DA876M5K2P6 Datasheet
748Kb / 12P
   FBAR/SAW Devices (SAW Duplexers)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com