Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9812 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # MAX9812
Description  Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

MAX9812 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button MAX9812 Datasheet HTML 2Page - Dallas Semiconductor MAX9812 Datasheet HTML 3Page - Dallas Semiconductor MAX9812 Datasheet HTML 4Page - Dallas Semiconductor MAX9812 Datasheet HTML 5Page - Dallas Semiconductor MAX9812 Datasheet HTML 6Page - Dallas Semiconductor MAX9812 Datasheet HTML 7Page - Dallas Semiconductor MAX9812 Datasheet HTML 8Page - Dallas Semiconductor MAX9812 Datasheet HTML 9Page - Dallas Semiconductor MAX9812 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain
Microphone Amplifiers with Integrated Bias
6
_______________________________________________________________________________________
2
µs/div
OUTPUT OVERDRIVEN
OUT
1V/div
MAX9812 toc19
IN
500mV/div
Typical Operating Characteristics (continued)
(VCC = 3.3V (MAX9812L/MAX9813L), VCC = 5V (MAX9812H/MAX9813H), GND = 0V, RL = 10k
Ω to VCC/2, SHDN = VCC, TA = +25°C,
unless otherwise noted.)
1ms/div
OUT-OF-SHUTDOWN WAVEFORM
INPUT FLOATING
MAX9812 toc17
OUT
2V/div
BIAS
2V/div
SHDN
2V/div
100
µs/div
MAX9813
SWITCHING BETWEEN TWO INPUTS
1V/div
MAX9812 toc18
2V/div
OUT
IN1/IN2
IN2 = 200mVP-P AT 20kHz
IN1 = 100mVP-P AT 10kHz
1
µs/div
SMALL-SIGNAL PULSE RESPONSE
(RL = OPEN, CL = 10pF)
IN
5mV/div
MAX9812 toc15
OUT
50mV/div
2
µs/div
LARGE-SIGNAL PULSE RESPONSE
(RL = OPEN, CL = 10pF)
IN
100mV/div
MAX9812 toc16
OUT
1V/div
0V


Similar Part No. - MAX9812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812 Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX9812 MAXIM-MAX9812 Datasheet
280Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
MAX9812HEXT MAXIM-MAX9812HEXT Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX9812HEXT+T MAXIM-MAX9812HEXT+T Datasheet
280Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
MAX9812HEXT-T MAXIM-MAX9812HEXT-T Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
More results

Similar Description - MAX9812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812_V01 Datasheet
280Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
MAX9812 MAXIM-MAX9812 Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX9812HEXT MAXIM-MAX9812HEXT Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX40079 MAXIM-MAX40079 Datasheet
1Mb / 18P
   Single/Dual/Quad Ultra-Low Input Bias Current, Low-Noise Amplifiers
2020
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
LMV101 NSC-LMV101_00 Datasheet
772Kb / 12P
   Fixed-Gain Amplifiers
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com