Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT6008LFG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT6008LFG
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6008LFG Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT6008LFG Datasheet HTML 1Page - Diodes Incorporated DMT6008LFG Datasheet HTML 2Page - Diodes Incorporated DMT6008LFG Datasheet HTML 3Page - Diodes Incorporated DMT6008LFG Datasheet HTML 4Page - Diodes Incorporated DMT6008LFG Datasheet HTML 5Page - Diodes Incorporated DMT6008LFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMT6008LFG
Document number: DS36680 Rev. 2 - 2
1 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMT6008LFG
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TC = +25°C
60V
7.5mΩ @ VGS = 10V
60A
11.5mΩ @ VGS = 4.5V
49A
Description
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Synchronous Rectifier
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low RDS(ON) – Ensures on State Losses Are Minimized
Excellent Qgd x RDS (ON) Product (FOM)
Advanced Technology for DC/DC Converts
Small Form Factor Thermally Efficient Package Enables Higher
Density End Products
Occupies Just 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
100% UIS (Avalanche) rated
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI
®3333-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See diagram
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMT6008LFG-7
POWERDI3333-8
2,000/Tape & Reel
DMT6008LFG-13
POWERDI3333-8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Internal Schematic
S6E = Product Type Marking Code
YYWW = Date Code Marking
YY = Last digit of year (ex: 13 = 2013)
WW = Week code (01 ~ 53)
Bottom View
S
S
S
G
D
D
D
D
Pin 1
D
S
G
Gate Protection
Diode
ESD PROTECTED
e3


Similar Part No. - DMT6008LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6008LFG-13 DIODES-DMT6008LFG-13 Datasheet
275Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6008LFG-7 DIODES-DMT6008LFG-7 Datasheet
275Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6008LFG DIODES-DMT6008LFG_15 Datasheet
275Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT6008LFG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com