Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT6015LFV-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT6015LFV-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6015LFV-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT6015LFV-13 Datasheet HTML 1Page - Diodes Incorporated DMT6015LFV-13 Datasheet HTML 2Page - Diodes Incorporated DMT6015LFV-13 Datasheet HTML 3Page - Diodes Incorporated DMT6015LFV-13 Datasheet HTML 4Page - Diodes Incorporated DMT6015LFV-13 Datasheet HTML 5Page - Diodes Incorporated DMT6015LFV-13 Datasheet HTML 6Page - Diodes Incorporated DMT6015LFV-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMT6015LFV
Document number: DS38454 Rev. 2 - 2
1 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMT6015LFV
60V N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI
Product Summary
BVDSS
RDS(ON) Max
ID Max
TC = +25°C
60V
16m
Ω @ VGS = 10V
35A
22m
Ω @ VGS = 4.5V
28A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)), yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Motor Control
DC-DC Converters
Power Management
Features and Benefits
Low RDS(ON) – Ensures On-State Losses are Minimized
Small Form Factor Thermally Efficient Package Enables Higher
Density End Products
Occupies just 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: PowerDI
®
3333-8 (Type UX)
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.072 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMT6015LFV-7
PowerDI3333-8 (Type UX)
2,000/Tape & Reel
DMT6015LFV-13
PowerDI3333-8 (Type UX)
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4
. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
PowerDI3333-8 (Type UX)
T6V= Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 16 = 2016)
WW = Week Code (01 ~ 53)
T6V
Top View
Bottom View
S
S
S
G
D
D
D
D
Pin1
D
S
G
Gate Protection
Diode
Internal Schematic
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - DMT6015LFV-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6015LFV-13 DIODES-DMT6015LFV-13 Datasheet
547Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT6015LFV-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com