Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT1284DWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74ACT1284DWRG4
Description  7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT1284DWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ACT1284DWRG4 Datasheet HTML 6Page - Texas Instruments SN74ACT1284DWRG4 Datasheet HTML 7Page - Texas Instruments SN74ACT1284DWRG4 Datasheet HTML 8Page - Texas Instruments SN74ACT1284DWRG4 Datasheet HTML 9Page - Texas Instruments SN74ACT1284DWRG4 Datasheet HTML 10Page - Texas Instruments SN74ACT1284DWRG4 Datasheet HTML 11Page - Texas Instruments SN74ACT1284DWRG4 Datasheet HTML 12Page - Texas Instruments SN74ACT1284DWRG4 Datasheet HTML 13Page - Texas Instruments SN74ACT1284DWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
18X 1.27
20X 0.51
0.31
2X
11.43
TYP
0.33
0.10
0 - 8
0.3
0.1
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
13.0
12.6
B
7.6
7.4
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.43 mm per side.
5. Reference JEDEC registration MS-013.
1
20
0.25
C A B
11
10
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.200


Similar Part No. - SN74ACT1284DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1284DWR TI-SN74ACT1284DWR Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN74ACT1284DWRE4 TI-SN74ACT1284DWRE4 Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ACT1284DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT1284 TI-SN54ACT1284 Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com