Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT6017LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT6017LSS
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6017LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT6017LSS Datasheet HTML 1Page - Diodes Incorporated DMT6017LSS Datasheet HTML 2Page - Diodes Incorporated DMT6017LSS Datasheet HTML 3Page - Diodes Incorporated DMT6017LSS Datasheet HTML 4Page - Diodes Incorporated DMT6017LSS Datasheet HTML 5Page - Diodes Incorporated DMT6017LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMT6017LSS
Document number: DS38852 Rev. 1 - 2
2 of 6
www.diodes.com
May 2016
© Diodes Incorporated
DMT6017LSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
9.2
7.4
A
t<10s
TA = +25°C
TA = +70°C
ID
11.9
9.5
A
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
8
6.5
A
t<10s
TA = +25°C
TA = +70°C
ID
10
8.1
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
60
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2
A
Avalanche Current (Note 7) L = 0.1mH
IAS
15.3
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
11.7
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
85
°C/W
t<10s
45
°C/W
Total Power Dissipation (Note 6)
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
74
°C/W
t<10s
37
°C/W
Thermal Resistance, Junction to Case
RJC
13
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
18
m
Ω
VGS = 10V, ID = 10A
23
VGS = 4.5V, ID = 6A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
864
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
282
Reverse Transfer Capacitance
Crss
27
Gate Resistance
Rg
1.3
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
8.4
nC
VDS = 30V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
17
Gate-Source Charge
Qgs
3.1
Gate-Drain Charge
Qgd
4.3
Turn-On Delay Time
tD(ON)
3.4
ns
VGS = 10V, VDS = 30V,
RG = 6Ω, ID = 10A
Turn-On Rise Time
tR
5.2
Turn-Off Delay Time
tD(OFF)
13
Turn-Off Fall Time
tF
7
Reverse Recovery Time
tRR
22
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
11
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMT6017LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6010LFG DIODES-DMT6010LFG Datasheet
462Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6010LFG-13 DIODES-DMT6010LFG-13 Datasheet
418Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6010LFG-13 DIODES-DMT6010LFG-13 Datasheet
462Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6010LFG-7 DIODES-DMT6010LFG-7 Datasheet
418Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6010LFG-7 DIODES-DMT6010LFG-7 Datasheet
462Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT6017LSS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com