Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT8012LSS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMT8012LSS
Description  80V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT8012LSS Datasheet(HTML) 5 Page - Diodes Incorporated

  DMT8012LSS Datasheet HTML 1Page - Diodes Incorporated DMT8012LSS Datasheet HTML 2Page - Diodes Incorporated DMT8012LSS Datasheet HTML 3Page - Diodes Incorporated DMT8012LSS Datasheet HTML 4Page - Diodes Incorporated DMT8012LSS Datasheet HTML 5Page - Diodes Incorporated DMT8012LSS Datasheet HTML 6Page - Diodes Incorporated DMT8012LSS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMT8012LSS
Document number: DS38164 Rev. 3 - 2
5 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DMT8012LSS
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.9
D=0.7
RθJA(t) = r(t) * RθJA
RθJA = 95℃/W
Duty Cycle, D = t1 / t2


Similar Part No. - DMT8012LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LFG DIODES-DMT8012LFG Datasheet
277Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8012LFG-13 DIODES-DMT8012LFG-13 Datasheet
277Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8012LFG-13 DIODES-DMT8012LFG-13 Datasheet
277Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8012LFG-7 DIODES-DMT8012LFG-7 Datasheet
277Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8012LFG-7 DIODES-DMT8012LFG-7 Datasheet
277Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT8012LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
logo
Pan Jit International I...
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
   80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Diodes Incorporated
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
logo
Diodes Incorporated
DMT8012LPS DIODES-DMT8012LPS Datasheet
569Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com