Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP84T22-25 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84T22-25
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84T22-25 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP84T22-25 Datasheet HTML 2Page - National Semiconductor (TI) DP84T22-25 Datasheet HTML 3Page - National Semiconductor (TI) DP84T22-25 Datasheet HTML 4Page - National Semiconductor (TI) DP84T22-25 Datasheet HTML 5Page - National Semiconductor (TI) DP84T22-25 Datasheet HTML 6Page - National Semiconductor (TI) DP84T22-25 Datasheet HTML 7Page - National Semiconductor (TI) DP84T22-25 Datasheet HTML 8Page - National Semiconductor (TI) DP84T22-25 Datasheet HTML 9Page - National Semiconductor (TI) DP84T22-25 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
20 Signal Descriptions (Continued)
Pin
Device (If Not
Input
Description
Name
Applicable to All)
Output
23 REFRESH SIGNALS
RFIP
O
REFRESH IN PROGRESS
This output is asserted prior to a refresh cycle and is
negated when all the RAS outputs are negated for that refresh
RFSH
I
REFRESH
This input asserted with DISRFRSH already asserted will request a
refresh If this input is continually asserted the DP8420V21V22V DP84T22 will
perform refresh cycles in a burst refresh fashion until the input is negated If RFSH is
asserted with DISRFSH negated the internal refresh address counter is cleared
(useful for burst refreshes)
DISRFSH
I
DISABLE REFRESH
This input is used to disable internal refreshes and must be
asserted when using RFSH for externally requested refreshes
24 PORT A ACCESS SIGNALS
ADS
I
ADDRESS STROBE
or ADDRESS LATCH ENABLE Depending on programming
this input can function as ADS or ALE In mode 0 the input functions as ALE and
(ALE)
I
when asserted along with CS causes an internal latch to be set Once this latch is set
an access will start from the positive clock edge of CLK as soon as possible In Mode
1 the input functions as ADS and when asserted along with CS causes the access
RAS to assert if no other event is taking place If an event is taking place RAS will be
asserted from the positive edge of CLK as soon as possible In both cases the low
going edge of this signal latches the bank row and column address if programmed to
do so
CS
I
CHIP SELECT
This input signal must be asserted to enable a Port A access
AREQ
I
ACCESS REQUEST
This input signal in Mode 0 must be asserted some time after
the first positive clock edge after ALE has been asserted When this signal is
negated RAS is negated for the access In Mode 1 this signal must be asserted
before ADS can be negated When this signal is negated RAS is negated for the
access
WAIT
O
WAIT
or DTACK This output can be programmed to insert wait states into a CPU
access cycle With R7 negated during programming the output will function as a
(DTACK)O
WAIT type output In this case the output will be active low to signal a wait condition
With R7 asserted during programming the output will function as DTACK In this
case the output will be negated to signify a wait condition and will be asserted to
signify the access has taken place Each of these signals can be delayed by a
number of positive clock edges or negative clock levels of CLK to increase the
microprocessor’s access cycle through the insertion of wait states
WAITIN
I
WAIT INCREASE
This input can be used to dynamically increase the number of
positive clock edges of CLK until DTACK will be asserted or WAIT will be negated
during a DRAM access
6


Similar Part No. - DP84T22-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AD NSC-DP8402AD Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AV NSC-DP8402AV Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403 NSC-DP8403 Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403D NSC-DP8403D Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results

Similar Description - DP84T22-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8520A NSC-DP8520A Datasheet
859Kb / 70P
   DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
   64k, 256k Dynamic RAM Controller/Drivers
DP8440-40 NSC-DP8440-40 Datasheet
644Kb / 46P
   microCMOS Programmable 16/64 Mbit Dynamic RAM Controller/Driver
logo
Sharp Corporation
LH6V4256 SHARP-LH6V4256 Datasheet
198Kb / 18P
   CMOS 1M (256K x 4) Dynamic RAM
logo
National Semiconductor ...
DP8428 NSC-DP8428 Datasheet
523Kb / 26P
   1 Megabit High Speed Dynamic RAM Controller/Drivers
logo
Cypress Semiconductor
CY62147V CYPRESS-CY62147V Datasheet
170Kb / 9P
   4M (256K x 16) Static RAM
CY64146V CYPRESS-CY64146V Datasheet
234Kb / 10P
   4M (256K x 16) Static RAM
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com