Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV431CZ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV431CZ
Description  Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV431CZ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV431CZ Datasheet HTML 1Page - National Semiconductor (TI) LMV431CZ Datasheet HTML 2Page - National Semiconductor (TI) LMV431CZ Datasheet HTML 3Page - National Semiconductor (TI) LMV431CZ Datasheet HTML 4Page - National Semiconductor (TI) LMV431CZ Datasheet HTML 5Page - National Semiconductor (TI) LMV431CZ Datasheet HTML 6Page - National Semiconductor (TI) LMV431CZ Datasheet HTML 7Page - National Semiconductor (TI) LMV431CZ Datasheet HTML 8Page - National Semiconductor (TI) LMV431CZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Temperature Range
Industrial (LMV431AI, LMV431I)
−40˚C to +85˚C
Commercial (LMV431AC,
LMV431C,
LMV431BC)
0˚C to +70˚C
Lead Temperature
TO92 Package/SOT23 -5,-3 Package
(Soldering, 10 sec.)
265˚C
Internal Power Dissipation (Note 2)
TO92
0.78W
SOT23-5, -3 Package
0.28W
Cathode Voltage
35V
Continuous Cathode Current
−30 mA to +30mA
Reference Input Current range
−.05mA to 3mA
Operating Conditions
Cathode Voltage
V
REF to 30V
Cathode Current
0.1 mA to 15mA
Temperature range
LMV431AI
−40˚C
≤ T
A
≤ 85˚C
Thermal Resistance (
θ
JA)(Note 3)
SOT23-5, -3 Package
455 ˚C/W
TO-92 Package
161 ˚C/W
Derating Curve (Slope = −1/
θ
JA)
10095830
LMV431C Electrical Characteristics
T
A = 25˚C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
REF
Reference Voltage
V
Z =VREF,IZ = 10mA
(See Figure 1 )
T
A = 25˚C
1.222
1.24
1.258
T
A = Full Range
1.21
1.27
V
V
DEV
Deviation of Reference Input Voltage
Over Temperature (Note 4)
V
Z =VREF,IZ = 10mA,
T
A = Full Range (See Figure 1)
412
mV
Ratio of the Change in Reference
Voltage to the Change in Cathode
Voltage
I
Z = 10mA (see Figure 2 )
V
Z from VREF to 6V
R
1 = 10k, R2 = and 2.6k
−1.5
−2.7
mV/V
I
REF
Reference Input Current
R
1 = 10k
Ω,R
2 =
I
I = 10mA (see Figure 2)
0.15
0.5
µA
∝I
REF
Deviation of Reference Input Current
over Temperature
R
1 = 10k
Ω,R
2 = ,
I
I = 10mA, TA = Full Range (see Figure 2)
0.05
0.3
µA
I
Z(MIN)
Minimum Cathode Current for
Regulation
V
Z =VREF (see Figure 1)55
80
µA
I
Z(OFF)
Off-State Current
V
Z=6V, VREF =0V (see Figure 3 )
0.001
0.1
µA
r
Z
Dynamic Output Impedance (Note 5)
V
Z =VREF,IZ = 0.1mA to 15mA
Frequency = 0Hz (see Figure 1)
0.25
0.4
www.national.com
4


Similar Part No. - LMV431CZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431CZ NSC-LMV431CZ Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Texas Instruments
LMV431CZ/NOPB TI1-LMV431CZ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
More results

Similar Description - LMV431CZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com