Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6X4008T1F-YF70 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6X4008T1F-YF70
Description  512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X4008T1F-YF70 Datasheet(HTML) 8 Page - Samsung semiconductor

  K6X4008T1F-YF70 Datasheet HTML 1Page - Samsung semiconductor K6X4008T1F-YF70 Datasheet HTML 2Page - Samsung semiconductor K6X4008T1F-YF70 Datasheet HTML 3Page - Samsung semiconductor K6X4008T1F-YF70 Datasheet HTML 4Page - Samsung semiconductor K6X4008T1F-YF70 Datasheet HTML 5Page - Samsung semiconductor K6X4008T1F-YF70 Datasheet HTML 6Page - Samsung semiconductor K6X4008T1F-YF70 Datasheet HTML 7Page - Samsung semiconductor K6X4008T1F-YF70 Datasheet HTML 8Page - Samsung semiconductor K6X4008T1F-YF70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
K6X4008T1F Family
CMOS SRAM
Revision 1.0
September 2003
8
PACKAGE DIMENSIONS
Units: millimeters(inches)
32 PIN PLASTIC SMALL OUTLINE PACKAGE (525mil)
0~8
°
#32
20.47
±0.20
0.806
±0.008
MAX
20.87
0.822
MAX
2.74
±0.20
0.108
±0.008
3.00
0.118
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#1
0.71
(
)
0.028
11.43
±0.20
0.450
±0.008
0.80
±0.20
0.031
±0.008
+0.10
0.20 -0.05
+0.004
0.008-0.002
14.12
±0.30
0.556
±0.012
#17
#16
1.27
0.050
+0.100
0.41
-0.050
+0.004
0.016
-0.002
32 PIN SMALLER THIN SMALL OUTLINE PACKAGE TYPE I (0813.4F)
1.00
±0.10
0.039
±0.004
MAX
8.40
0.331
#1
0.50
(
)
0.020
11.80
±0.10
0.465
±0.004
0.45 ~0.75
0.018 ~0.030
13.40
±0.20
0.528
±0.008
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
#32
#17


Similar Part No. - K6X4008T1F-YF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-B SAMSUNG-K6X4008C1F-B Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BB55 SAMSUNG-K6X4008C1F-BB55 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BB70 SAMSUNG-K6X4008C1F-BB70 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BF55 SAMSUNG-K6X4008C1F-BF55 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
More results

Similar Description - K6X4008T1F-YF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com